Electronic Components Datasheet Search
  English  ▼

X  

IRFAF50 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFAF50
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFAF50 Datasheet(HTML) 1 Page - International Rectifier

  IRFAF50 Datasheet HTML 1Page - International Rectifier IRFAF50 Datasheet HTML 2Page - International Rectifier IRFAF50 Datasheet HTML 3Page - International Rectifier IRFAF50 Datasheet HTML 4Page - International Rectifier IRFAF50 Datasheet HTML 5Page - International Rectifier IRFAF50 Datasheet HTML 6Page - International Rectifier IRFAF50 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 0V, TC = 25°C
Continuous Drain Current
6.2
ID @ VGS = 0V, TC = 100°C
Continuous Drain Current
4.0
IDM
Pulsed Drain Current ➀
25
PD @ TC = 25°C
Max. Power Dissipation
15 0
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
870
mJ
IAR
Avalanche Current ➀
6.2
A
EAR
Repetitive Avalanche Energy ➀
15
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
1.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from case for 10s)
Weight
11.5(typical)
g
PD - 90577
The HEXFET
technology is the key to International
Rectifier’s advanced line of power MOSFET transistors.
The efficient geometry and unique processing of this latest
“State of the Art” design achieves: very low on-state resis-
tance combined with high transconductance; superior re-
verse energy and diode recovery dv/dt capability.
The HEXFET transistors also feature all of the well estab-
lished advantages of MOSFETs such as voltage control,
very fast switching, ease of paralleling and temperature
stability of the electrical parameters.
They are well suited for applications such as switching
power supplies, motor controls, inverters, choppers, audio
amplifiers and high energy pulse circuits.
o C
A
REPETITIVE AVALANCHE AND dv/dt RATED
IRFAF50
HEXFET
TRANSISTORS
THRU-HOLE (TO-204AA/AE)
01/24/01
www.irf.com
1
900V, N-CHANNEL
TO-3
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFAF50
900V
1.6
Ω
6.2Α
Features:
n Repetitive Avalanche Ratings
n Dynamic dv/dt Rating
n Hermetically Sealed
n Simple Drive Requirements
n Ease of Paralleling
For footnotes refer to the last page


Similar Part No. - IRFAF50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAF50 IRF-IRFAF50 Datasheet
151Kb / 7P
Simple Drive Requirements
IRFAF50 IRF-IRFAF50_15 Datasheet
151Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRFAF50

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFAE40 IRF-IRFAE40 Datasheet
148Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRFF320 IRF-IRFF320 Datasheet
135Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRFR9020 IRF-IRFR9020 Datasheet
238Kb / 8P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
logo
New Jersey Semi-Conduct...
IRF130 NJSEMI-IRF130 Datasheet
106Kb / 3P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com