Electronic Components Datasheet Search
  English  ▼

X  

ISL6253 Datasheet(PDF) 18 Page - Intersil Corporation

Part # ISL6253
Description  Highly Integrated Battery Charger for Notebook Computers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6253 Datasheet(HTML) 18 Page - Intersil Corporation

Back Button ISL6253 Datasheet HTML 14Page - Intersil Corporation ISL6253 Datasheet HTML 15Page - Intersil Corporation ISL6253 Datasheet HTML 16Page - Intersil Corporation ISL6253 Datasheet HTML 17Page - Intersil Corporation ISL6253 Datasheet HTML 18Page - Intersil Corporation ISL6253 Datasheet HTML 19Page - Intersil Corporation ISL6253 Datasheet HTML 20Page - Intersil Corporation ISL6253 Datasheet HTML 21Page - Intersil Corporation ISL6253 Datasheet HTML 22Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
18
PWM Comparator Gain Fm
The PWM comparator gain Fm for peak current mode
control is given by:
where VPWM is the peak-peak voltage of the PWM ramp
signal.
Current Sampling Transfer Function He(S)
In current loop, the current signal is sampled every switching
cycle. It has the following transfer function:
where Qn and ωn are given by
,
respectively.
Power Stage Transfer Functions
Transfer function F1(S) from control to output voltage is:
Where
Transfer function F2(S) from control to inductor current is,
Current loop gain Ti(S) is expressed as the following
equation:
where RT is the trans-resistance in current loop. RT is
usually equal to the product of the current sensing resistance
of the current amplifier. For ISL6253, RT = 24R1.
The voltage gain with open current loop is:
where
, VFB is the feedback voltage of the voltage
error amplifier.
The Voltage loop gain with current loop closed is given by:
If Ti(S)>>1, then the above equation can be simplified as
follows:
Where RTV is the trans-resistance due to the current
information fed into the voltage loop. From the above
equation, it is shown that the system is a single order
system, which has a single pole located at
before the
half switching frequency. Therefore, a simple type II
compensator can be easily used to stabilize the system.
Figure 20 shows the type II compensator, and its transfer
function is expressed as follows:
Fm
dˆ
vˆcomp
-----------------
1
VPWM
-----------------
==
(EQ. 18)
He S
()
S
2
ω
n
2
-------
S
ω
nQn
--------------- 1
++
=
(EQ. 19)
Qn
2
π
---
–
=
ω
n
πf
s
=
,
F1 S
()
vˆo
dˆ
------
Vin
1
S
ω
esr
------------
+
S
2
ω
o
2
-------
S
ω
oQp
--------------- 1
++
---------------------------------------
==
(EQ. 20)
ω
esr
1
RcCo
---------------
=
Qp Ro
Co
L
-------
ω
o
1
LCo
---------------
=
,
≈
,
F2 S
()
iˆo
dˆ
----
Vin
Ro RL
+
---------------------
1
S
ω
z
------
+
S
2
ω
o
2
-------
S
ω
oQp
--------------- 1
++
--------------------------------------- where
==
ω
z
1
RoCo
---------------
≈
(EQ. 21)
Ti S
()
RTFmF2
=
S
()H
e S
()
(EQ. 22)
Tv S
()
KFmF1 S
()A
v S
()
=
(EQ. 23)
K
VFB
Vo
-----------
=
Lv S
()
Tv S
()
1Ti S
()
+
------------------------
=
(EQ. 24)
Lv S
()
VFB
Vo
-----------
Ro RL
+
RTV
---------------------
1
S
ω
esr
------------
+
1
S
ω
p
-------
+
----------------------
Av S
()
He S
()
----------------
ω
p
1
RoCo
---------------
≈
,
=
(EQ. 25)
p
ω
FIGURE 19. SMALL SIGNAL MODEL OF SYNCHRONOUS
BUCK REGULATOR
iin
1:D
-Av(S)
He(S)
^
vin
^
ILd
^
d^
Fm
+
Vcomp
^
Tv(S)
K
Ti(S)
+
iL
^
L
RT
Rc
Ro
Co
Vo
^
Vind
^
+
-
+
R1
C1
V
REF
V
FB
Vo
g
m
V
COMP
C2
-
+
R1
C1
V
REF
V
FB
Vo
g
m
V
COMP
C2
FIGURE 20. TYPE II COMPENSATOR
ISL6253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com