Electronic Components Datasheet Search
  English  ▼

X  

TCMT4600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCMT4600
Description  Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT4600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCMT4600 Datasheet HTML 1Page - Vishay Siliconix TCMT4600 Datasheet HTML 2Page - Vishay Siliconix TCMT4600 Datasheet HTML 3Page - Vishay Siliconix TCMT4600 Datasheet HTML 4Page - Vishay Siliconix TCMT4600 Datasheet HTML 5Page - Vishay Siliconix TCMT4600 Datasheet HTML 6Page - Vishay Siliconix TCMT4600 Datasheet HTML 7Page - Vishay Siliconix TCMT4600 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 83512
Rev. 1.5, 02-Feb-05
TCMT1600 / TCMT4600
Vishay Semiconductors
Output
Coupler
1) Related to standard climate 23/50 DIN 50014
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Parameter
Test condition
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
Parameter
Test condition
Symbol
Value
Unit
AC isolation test voltage (RMS)
VISO
1)
3750
VRMS
Total power dissipation
Ptot
250
mW
Operating ambient temperature
range
Tamb
- 40 to + 100
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Tsld
240
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 100 µAVCEO
70
V
Emitter collector voltage
IE = 100 µAVECO
7V
Collector dark current
VCE = 20 V, IF = 0, E = 0
ICEO
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
IF = 10 mA, VCE = 5 V,
RL = 100 Ω
fc
100
kHz
Capacitance (input-output)
f = 1 MHz
CIO
0.3
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com