Electronic Components Datasheet Search
  English  ▼

X  

AD7452 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7452
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452 Datasheet(HTML) 1 Page - Analog Devices

  AD7452 Datasheet HTML 1Page - Analog Devices AD7452 Datasheet HTML 2Page - Analog Devices AD7452 Datasheet HTML 3Page - Analog Devices AD7452 Datasheet HTML 4Page - Analog Devices AD7452 Datasheet HTML 5Page - Analog Devices AD7452 Datasheet HTML 6Page - Analog Devices AD7452 Datasheet HTML 7Page - Analog Devices AD7452 Datasheet HTML 8Page - Analog Devices AD7452 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Differential Input, 555 kSPS
12-Bit ADC in an 8-Lead SOT-23
Data Sheet
AD7452
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2003–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Specified for VDD of 3 V and 5 V
Low power at max throughput rate
3.3 mW max at 555 kSPS with 3 V supplies
7.25 mW max at 555 kSPS with 5 V supplies
Fully differential analog input
Wide input bandwidth
70 dB SINAD at 100 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface
SPI/QSPI™/MICROWIRE™/DSP compatible
Power-down mode: 1 μA max
8-lead SOT-23 package
APPLICATIONS
Transducer interface
Battery-powered systems
Data acquisition systems
Portable instrumentation
Motor control
GENERAL DESCRIPTION
The AD74521 is a 12-bit, high speed, low power, successive
approximation (SAR) analog-to-digital converter that features a
fully differential analog input. This part operates from a single
3 V or 5 V power supply and features throughput rates up to
555 kSPS.
The part contains a low noise, wide bandwidth, differential
track-and-hold amplifier (T/H) that can handle input
frequencies up to 3.5 MHz. The reference voltage is applied
externally to the VREF pin and can be varied from 100 mV to
3.5 V depending on the power supply and what suits the
application. The value of the reference voltage determines the
common-mode voltage range of the part. With this truly
differential input structure and variable reference input, the
user can select a variety of input ranges and bias points.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the device to interface
with microprocessors or DSPs. The input signals are sampled
on the falling edge of CS, and the conversion is also initiated at
this point.
FUNCTIONAL BLOCK DIAGRAM
VREF
T/H
CONTROL LOGIC
12-BIT
SUCCESSIVE
ADC
GND
SCLK
SDATA
CS
VDD
AD7452
VIN+
VIN–
APPROXIMATION
Figure 1.
The SAR architecture of this part ensures that there are no
pipeline delays.
The AD7452 uses advanced design techniques to achieve very
low power dissipation.
PRODUCT HIGHLIGHTS
1.
Operation with Either 3 V or 5 V Power Supplies.
2.
High Throughput with Low Power Consumption. With a
3 V supply, the AD7452 offers 3.3 mW max power
consumption for 555 kSPS throughput.
3.
Fully Differential Analog Input.
4.
Flexible Power/Serial Clock Speed Management. The
conversion rate is determined by the serial clock, allowing
the power to be reduced as the conversion time is reduced
through the serial clock speed increase. This part also
features a shutdown mode to maximize power efficiency at
lower throughput rates.
5.
Variable Voltage Reference Input.
6.
No Pipeline Delay.
7.
Accurate Control of the Sampling Instant via a CS Input
and Once-Off Conversion Control.
8.
ENOB > 8 Bits Typically with 100 mV Reference.
1 Protected by U.S. Patent Number 6,681,332.


Similar Part No. - AD7452

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7452 AD-AD7452 Datasheet
659Kb / 28P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452BRT-R2 AD-AD7452BRT-R2 Datasheet
659Kb / 28P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452BRT-REEL7 AD-AD7452BRT-REEL7 Datasheet
659Kb / 28P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
More results

Similar Description - AD7452

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7457 AD-AD7457 Datasheet
509Kb / 20P
Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV.0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
B
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com