Electronic Components Datasheet Search
  English  ▼

X  

AD7453 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7453
Description  Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7453 Datasheet HTML 13Page - Analog Devices AD7453 Datasheet HTML 14Page - Analog Devices AD7453 Datasheet HTML 15Page - Analog Devices AD7453 Datasheet HTML 16Page - Analog Devices AD7453 Datasheet HTML 17Page - Analog Devices AD7453 Datasheet HTML 18Page - Analog Devices AD7453 Datasheet HTML 19Page - Analog Devices AD7453 Datasheet HTML 20Page - Analog Devices AD7453 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD7453
Rev. B | Page 20 of 20
OUTLINE DIMENSIONS
13
5
6
2
8
4
7
2.90 BSC
PIN 1
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
8°
4°
0°
2.80 BSC
COMPLIANT TO JEDEC STANDARDS MO-178BA
Figure 31. 8-Lead Small Outline Transistor Package [SOT-23]
(RT-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSB)1
Package Description
Package Option
Branding
AD7453ART-REEL7
–40°C to +85°C
±1.5
8-Lead SOT-23
RT-8
C0C
AD7453BRT-R2
–40°C to +85°C
±1
8-Lead SOT-23
RT-8
C09
AD7453BRT-REEL7
–40°C to +85°C
±1
8-Lead SOT-23
RT-8
C09
EVAL-AD7453CB2
Evaluation Board
EVAL-CONTROL BRD23
Controller Board
1 Linearity error here refers to integral nonlinearity error.
2 This can be used as a standalone evaluation board or in conjunction with the evaluation board controller for evaluation/demonstration purposes.
3 The evaluation board controller is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designator.
For a complete Evaluation Kit, you will need to order the ADC evaluation board, i.e., EVAL-AD7453CB, the EVAL-CONTROL BRD2, and a 12 V ac transformer. See the
AD7453 application note that accompanies the evaluation kit for more information.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03155–0–2/04(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com