Electronic Components Datasheet Search
  English  ▼

X  

AD7457 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7457
Description  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7457 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7457 Datasheet HTML 12Page - Analog Devices AD7457 Datasheet HTML 13Page - Analog Devices AD7457 Datasheet HTML 14Page - Analog Devices AD7457 Datasheet HTML 15Page - Analog Devices AD7457 Datasheet HTML 16Page - Analog Devices AD7457 Datasheet HTML 17Page - Analog Devices AD7457 Datasheet HTML 18Page - Analog Devices AD7457 Datasheet HTML 19Page - Analog Devices AD7457 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD7457
Rev. A | Page 15 of 20
Table 5. SPORT0 Configuration
Bit
Setting
Comment/Description
ISCLK
1
Serial clock is generated internally
SLEN
1111
16 bits of conversion data
RFSR
0
Receive frame sync required every word
TFSR
Don’t care
Not used
IRFS
0
RFS is set to be an input and is
generated externally.
ITFS
Don’t care
Not used
RFSW
1
Alternate receive framing
TFSW
Don’t care
Not used
INVRFS
0
RFS is active high
INVTFS
Don’t care
Not used
SPORT0 is configured by setting the bits in its control register,
as listed in Table 5.
The flag to generate the CS signal is generated by SPORT1. It is
connected to both the ADC and the RFS input of SPORT0 to
provide the frame sync signal for the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com