Electronic Components Datasheet Search
  English  ▼

X  

AD7661AST Datasheet(PDF) 24 Page - Analog Devices

Part # AD7661AST
Description  16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7661AST Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7661AST Datasheet HTML 20Page - Analog Devices AD7661AST Datasheet HTML 21Page - Analog Devices AD7661AST Datasheet HTML 22Page - Analog Devices AD7661AST Datasheet HTML 23Page - Analog Devices AD7661AST Datasheet HTML 24Page - Analog Devices AD7661AST Datasheet HTML 25Page - Analog Devices AD7661AST Datasheet HTML 26Page - Analog Devices AD7661AST Datasheet HTML 27Page - Analog Devices AD7661AST Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AD7661
Rev. 0 | Page 23 of 28
MASTER SERIAL INTERFACE
Usually, because the AD7661 has a longer acquisition phase
than the conversion phase, the data is read immediately after
conversion. This makes the Master Read After Conversion the
most recommended serial mode when it can be used. In this
mode, it should be noted that unlike in other modes, the BUSY
signal returns LOW after the 16 data bits are pulsed out and not
at the end of the conversion phase, which results in a longer
BUSY width.
Internal Clock
The AD7661 is configured to generate and provide the serial
data clock SCLK when the EXT/INT pin is held LOW. The
AD7661 also generates a SYNC signal to indicate to the host
when the serial data is valid. The serial clock SCLK and the
SYNC signal can be inverted if desired. Depending on the
RDC/SDIN input, the data can be read after each conversion or
during the following conversion. Figure 39 and Figure 40 show
detailed timing diagrams of these two modes.
In the Read During Conversion mode, the serial clock and data
toggle at appropriate instants, which minimizes potential feed-
through between digital activity and critical conversion
decisions
t3
BUSY
SYNC
SCLK
SDOUT
t28
t29
t14
t18
t19
t20
t21
t24
t26
t27
t23
t22
t16
t15
12
3
14
15
16
D15
D14
D2
D1
D0
X
RDC/SDIN = 0
INVSCLK = INVSYNC = 0
t25
t30
CNVST
CS, RD
EXT/INT = 0
Figure 39. Master Serial Data Timing for Reading (Read after Convert)
EXT/INT = 0
RDC/SDIN = 1
INVSCLK = INVSYNC = 0
t3
t1
t17
t14
t19
t20 t21
t24
t26
t25
t27
t23
t22
t16
t15
D15
D14
D2
D1
D0
X
12
3
14
15
16
t
18
BUSY
SYNC
SCLK
SDOUT
CNVST
CS, RD
Figure 40. Master Serial Data Timing for Reading (Read Previous Conversion during Convert)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com