Electronic Components Datasheet Search
  English  ▼

X  

AD7679 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7679
Description  18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7679 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7679 Datasheet HTML 11Page - Analog Devices AD7679 Datasheet HTML 12Page - Analog Devices AD7679 Datasheet HTML 13Page - Analog Devices AD7679 Datasheet HTML 14Page - Analog Devices AD7679 Datasheet HTML 15Page - Analog Devices AD7679 Datasheet HTML 16Page - Analog Devices AD7679 Datasheet HTML 17Page - Analog Devices AD7679 Datasheet HTML 18Page - Analog Devices AD7679 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD7679
Rev. A | Page 14 of 28
–55
98
96
03085-0-018
99
97
–35
125
85
65
5
–15
100
SNR
ENOB
14.5
15.0
15.5
16.5
16.0
S/(N+D)
25
45
105
TEMPERATURE (
°C)
TEMPERATURE (
°C)
1000
–55
700
400
200
0
300
100
500
125
DVDD
–35
–155
25456585
105
AVDD
OVDD
03085-0-021
500
800
900
Figure 17. SNR, S/(N+D), and ENOB vs. Temperature
Figure 20. Power-Down Operating Currents vs. Temperature
TEMPERATURE (
°C)
–55
–15
–25
03085-0-022
–20
–35
125
85
65
5
–15
25
25
45
105
–5
5
–10
0
10
15
20
POSITIVE
FULL SCALE
NEGATIVE
FULL SCALE
ZERO ERROR
TEMPERATURE (
°C)
–55
–120
–140
03085-0-019
–110
–130
–35
125
85
65
5
–15
–100
25
45
105
THIRD
HARMONIC
SECOND
HARMONIC
THD
Figure 18. THD and Harmonics vs. Temperature
Figure 21. Zero Error Positive and Negative Full Scale vs. Temperature
SAMPLING RATE (SPS)
100000
0.001
1M
10000
1000
100
10
1
0.1
0.01
100k
10k
1k
100
1
AVDD
10
DVDD
OVDD
PDBUF HIGH
03085-0-020
CL (pF)
0
10
0
03085-0-024
200
150
50
50
100
30
20
40
OVDD = 2.7V @ 85°C
OVDD = 5V @ 85°C
OVDD = 5V @ 25°C
OVDD = 2.7V @ 25°C
Figure 19. Operating Current vs. Sampling Rate
Figure 22. Typical Delay vs. Load Capacitance CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com