Electronic Components Datasheet Search
  English  ▼

X  

AD7791 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7791
Description  Low Power, Buffered 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7791 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7791 Datasheet HTML 5Page - Analog Devices AD7791 Datasheet HTML 6Page - Analog Devices AD7791 Datasheet HTML 7Page - Analog Devices AD7791 Datasheet HTML 8Page - Analog Devices AD7791 Datasheet HTML 9Page - Analog Devices AD7791 Datasheet HTML 10Page - Analog Devices AD7791 Datasheet HTML 11Page - Analog Devices AD7791 Datasheet HTML 12Page - Analog Devices AD7791 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD7791
Data Sheet
Rev. A | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
04227-0-005
AD7791
TOP VIEW
(Not to Scale)
SCLK
1
CS
2
AIN(+)
3
AIN(–)
4
REF(+)
5
DIN
DOUT/RDY
VDD
GND
REF(–)
10
9
8
7
6
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Function
1
SCLK
Serial Clock Input for Data Transfers to and
from the ADC. The SCLK has a Schmitt-
triggered input, making the interface suita-
ble for opto-isolated applications. The serial
clock can be continuous with all data
transmitted in a continuous train of pulses.
Alternatively, it can be a noncontinuous
clock with the information being trans-
mitted to or from the ADC in smaller
batches of data.
2
CS
Chip Select Input. This is an active low logic
input used to select the ADC. CS can be
used to select the ADC in systems with
more than one device on the serial bus or as
a frame synchronization signal in communi-
cating with the device. CS can be hardwired
low, allowing the ADC to operate in 3-wire
mode with SCLK, DIN, and DOUT used to
interface with the device.
3
AIN(+)
Analog Input. AIN(+) is the positive terminal
of the fully differential analog input.
4
AIN(–)
Analog Input. AIN(–) is the negative termi-
nal of the fully differential analog input.
5
REFIN(+)
Positive Reference Input. REFIN(+) can lie
anywhere between VDD and GND + 0.1 V.
The nominal reference voltage (REFIN(+) –
REFIN(–)) is 2.5 V, but the part functions with
a reference from 0.1 V to VDD.
Pin
No.
Mnemonic
Function
6
REFIN(–)
Negative Reference Input. This reference
input can lie anywhere between GND and
VDD – 0.1 V.
7
GND
Ground Reference Point.
8
VDD
Supply Voltage, 2.5 V to 5.25 V.
9
DOUT/RDY
Serial Data Output/Data Ready Output.
DOUT/RDY serves a dual purpose . It functions
as a serial data output pin to access the output
shift register of the ADC. The output shift reg-
ister can contain data from any of the
on-chip data or control registers. In addition,
DOUT/RDY operates as a data ready pin,
going low to indicate the completion of a
conversion. If the data is not read after the
conversion, the pin will go high before the
next update occurs.
The DOUT/RDY falling edge can be used as an
interrupt to a processor, indicating that valid
data is available. With an external serial clock,
the data can be read using the DOUT/RDY pin.
With CS low, the data/control word informa-
tion is placed on the DOUT/RDY pin on the
SCLK falling edge and is valid on the SCLK
rising edge.
The end of a conversion is also indicated by
the RDY bit in the status register. When CS is
high, the DOUT/RDY pin is three-stated but
the RDY bit remains active.
10
DIN
Serial Data Input to the Input Shift Register
on the ADC. Data in this shift register is trans-
ferred to the control registers within
the ADC, the register selection bits of the
communications register identifying the
appropriate register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com