Electronic Components Datasheet Search
  English  ▼

X  

IXBOD1-10 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBOD1-10
Description  Breakover Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1-10 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBOD1-10 Datasheet HTML 1Page - IXYS Corporation IXBOD1-10 Datasheet HTML 2Page - IXYS Corporation IXBOD1-10 Datasheet HTML 3Page - IXYS Corporation IXBOD1-10 Datasheet HTML 4Page - IXYS Corporation IXBOD1-10 Datasheet HTML 5Page - IXYS Corporation IXBOD1-10 Datasheet HTML 6Page - IXYS Corporation IXBOD1-10 Datasheet HTML 7Page - IXYS Corporation IXBOD1-10 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
H - 2
© 2000 IXYS All rights reserved
Symbol
Conditions Ratings
I
D
T
VJ = 125°C;
V = 0,8x V
BO
20
µA
V
BO
V
BO(TVJ) = VBO, 25°C [1 + KT (TVJ - 25°C)]
I
RMS
f = 50 HZ;
T
amb = 50°C1.4
A
connection pins soldered to printed circuit
(conductor 0,035x2mm)
I
AVM
0.9
A
I
SM
t
p = 0.1 ms;
T
amb
= 50°C non repetitive
200
A
I²t
t
p = 0.1 ms;
T
amb = 50°C2
A2s
T
amb
-40...+125
°C
T
stg
-40...+125
°C
T
VJm
125
°C
K
T
Temperatur coefficient of V
BO
2·10-3
K-1
K
P
coefficient for energy per pulse E
P (material constant)
700
K/Ws
R
thJA
- natural convection
60
K/W
- with air speed 2 m/s
45
K/W
Weight
1g
Symbol
Conditions
Characteristic Values
I
BO
T
VJ =25°C15
mA
I
H
T
VJ =25°C30
mA
V
H
T
VJ =25°C
4 - 8
V
(dv/dt)
C
T
VJ =50°C;
V
D = 0.67·(VBO + 100V)
> 1000
V/µs
(di/dt)
C
T
VJ = 125°C;
V
D = VBO ; IT = 80A; f = 50 Hz
200
A/µs
t
q(typ)
T
VJ =
125°CV
D =
0.67·V
BO ; VR = 0V
150
µs
dV/dt
(lin.) = 200V/µs; IT = 80A; di/dt = -10A/µs
V
T
T
VJ =125°C; IT = 5A
1.7
V
V
(TO)
For power-loss calculations only
1.1
V
r
T
T
VJ =
125°C
0.12
Ω
V
BO
Standard
V
Types
600 ±50
IXBOD 1 -06
700 ±50
IXBOD 1 -07
800 ±50
IXBOD 1 -08
900 ±50
IXBOD 1 -09
1000 ±50
IXBOD 1 -10
V
BO
= 600-1000V
I
AVM
= 0.9 A
IXBOD 1 -06...10
Dimensions in mm (1 mm = 0.0394")
A
K
KA
Single Breakover Diode
IXYS reserve at these the right to change limits, test conditions and dimensions; Data according to IEC 60747



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com