Electronic Components Datasheet Search
  English  ▼

X  

PE4157 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4157
Description  75 Ohm SMB Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4157 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4157 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4157 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4157 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Plug Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• PE-B150, RG180, RG195 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 2 GHz
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4157 75 ohm SMB plug connector with crimp/solder attachment for PE-B150, RG180 and RG195 is part of
our full line of RF components available for same-day shipping. Our SMB plug connector operates up to a maximum frequency
of 2 GHz.
Our 75 ohm SMB plug connector PE4157 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
Operating Voltage (AC)
500
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
0.82 in [20.83 mm]
Width/Dia.
0.362 in [9.19 mm]
.
Weight
0.011 lbs [4.99 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Plug Connector Crimp/Solder Attachment for PE-B150, RG180, RG195 PE4157
PE4157 REV 1.1
75 Ohm SMB Plug Connector Crimp/Solder
Attachment for PE-B150, RG180, RG195
RF Connectors Technical Data Sheet
PE4157


Similar Part No. - PE4157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
More results

Similar Description - PE4157

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4248 PASTERNACK-PE4248 Datasheet
250Kb / 1P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG179,RG187
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE4161 PASTERNACK-PE4161_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment
PE4163 PASTERNACK-PE4163_16 Datasheet
316Kb / 3P
75 Ohm SMB Jack Connector Crimp/Solder Attachment
PE4203 PASTERNACK-PE4203_16 Datasheet
320Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4248 PASTERNACK-PE4248_16 Datasheet
357Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4251 PASTERNACK-PE4251 Datasheet
373Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4257 PASTERNACK-PE4257_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Clamp/Solder Attachment
PE4472 PASTERNACK-PE4472_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com