Electronic Components Datasheet Search
  English  ▼

X  

PE4160 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4160
Description  SMC Plug Right Angle Connector Crimp/ Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4160 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4160 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4160 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4160 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Plug Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• RG178, RG196 Interface Type
• Crimp/Solder Attachment
• 1/4 inch Hex
Features
• Max Frequency 10 GHz
• Gold Plated Beryllium Copper Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4160 SMC plug right angle connector with crimp/solder attachment for RG178 and RG196 is part of our full
line of RF components available for same-day shipping. Our SMC plug connector operates up to a maximum frequency of 10
GHz. Its right angle body geometry allows for easier connections in tight spaces.
Our SMC plug right angle connector PE4160 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
Operating Voltage (AC)
250
Vrms
.
Mechanical Specifications
Size
Length
0.545 in [13.84 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.655 in [16.64 mm]
.
Weight
0.013 lbs [5.9 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Right Angle Connector Crimp/Solder Attachment for RG178, RG196 PE4160
PE4160 REV 1.1
SMC Plug Right Angle Connector Crimp/
Solder Attachment for RG178, RG196
RF Connectors Technical Data Sheet
PE4160


Similar Part No. - PE4160

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
More results

Similar Description - PE4160

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4557 PASTERNACK-PE4557 Datasheet
220Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG58
PE4160 PASTERNACK-PE4160 Datasheet
282Kb / 2P
SMC Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE45193 PASTERNACK-PE45193 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp - Solder Attachment for RG58
PE4594 PASTERNACK-PE4594_17 Datasheet
351Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4557 PASTERNACK-PE4557_16 Datasheet
315Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4558 PASTERNACK-PE4558_16 Datasheet
314Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4045 PASTERNACK-PE4045_16 Datasheet
351Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4074 PASTERNACK-PE4074_16 Datasheet
399Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4252 PASTERNACK-PE4252_16 Datasheet
316Kb / 3P
75 Ohm SMC Plug Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com