Electronic Components Datasheet Search
  English  ▼

X  

PE4161 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4161
Description  75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4161 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4161 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4161 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4161 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMB Plug Connector
• MIL-STD-348
• 75 Ohms
• Right Angle Body Geometry
• PE-B150, RG180, RG195 Interface Type
• Crimp/Solder Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4161 75 ohm SMB plug right angle connector with crimp/solder attachment for PE-B150, RG180 and RG195
is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for easier
connections in tight spaces.
Our 75 ohm SMB plug right angle connector PE4161 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.69 in [17.53 mm]
Width/Dia.
0.38 in [9.65 mm]
Height
0.78 in [19.81 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Plug Right Angle Connector Crimp/Solder Attachment for PE-B150, RG180,
RG195 PE4161
PE4161 REV 1.1
75 Ohm SMB Plug Right Angle Connector Crimp/
Solder Attachment for PE-B150, RG180, RG195
RF Connectors Technical Data Sheet
PE4161


Similar Part No. - PE4161

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
More results

Similar Description - PE4161

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4995 PASTERNACK-PE4995 Datasheet
217Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG179, RG187
PE4996 PASTERNACK-PE4996 Datasheet
260Kb / 2P
75 Ohm Mini SMB Plug Right Angle Connector Crimp/Solder Attachment For RG59, RG62
PE4157 PASTERNACK-PE4157_16 Datasheet
318Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4159 PASTERNACK-PE4159_16 Datasheet
374Kb / 3P
SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4163 PASTERNACK-PE4163_16 Datasheet
316Kb / 3P
75 Ohm SMB Jack Connector Crimp/Solder Attachment
PE4248 PASTERNACK-PE4248_16 Datasheet
357Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
PE4251 PASTERNACK-PE4251 Datasheet
373Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp/ Solder Attachment
PE4252 PASTERNACK-PE4252_16 Datasheet
316Kb / 3P
75 Ohm SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4472 PASTERNACK-PE4472_16 Datasheet
317Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com