Electronic Components Datasheet Search
  English  ▼

X  

PE4173 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4173
Description  75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4173 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4173 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4173 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4173 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Jack Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4173 75 ohm SMC jack bulkhead mount connector solder attachment solder cup terminal, .295 inch D hole
is part of our full line of RF components available for same-day shipping. This SMC bulkhead connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our 75 ohm SMC jack bulkhead connector PE4173 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.61 in [15.49 mm]
Width/Dia.
0.375 in [9.53 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal,
.295 inch D Hole, Front Mount PE4173
PE4173 REV 1.1
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment
Solder Cup Terminal, .295 inch D Hole, Front Mount
RF Connectors Technical Data Sheet
PE4173


Similar Part No. - PE4173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4173 PASTERNACK-PE4173 Datasheet
812Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front Mount
More results

Similar Description - PE4173

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4173 PASTERNACK-PE4173 Datasheet
812Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole, Front Mount
PE4169 PASTERNACK-PE4169 Datasheet
287Kb / 1P
75 ohm smc Jack Bulkhead Connector SOLDER Attachment Solder Cup Terminal, .295 inch D Hole Read mount
PE4287 PASTERNACK-PE4287 Datasheet
868Kb / 2P
75 Ohm SMC Jack Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal .295 inch D Hole
PE4291 PASTERNACK-PE4291 Datasheet
205Kb / 2P
75 Ohm SMC Plug Bulkhead Connector Solder Attachment Solder Cup Terminal, .295 inch D Hole
PE4168 PASTERNACK-PE4168 Datasheet
204Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Solder Attachment Solder Cup Terminal, .317 inch Diameter
PE4107 PASTERNACK-PE4107_16 Datasheet
315Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4169 PASTERNACK-PE4169_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4171 PASTERNACK-PE4171_16 Datasheet
348Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4239 PASTERNACK-PE4239 Datasheet
355Kb / 3P
SHV Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com