Electronic Components Datasheet Search
  English  ▼

X  

PE4176 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4176
Description  75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4176 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4176 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4176 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4176 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Jack Connector
• 75 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4176 75 ohm SMC jack connector with solder attachment for thru hole PCB (.200 inch x .067 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our SMC jack connector operates up to a
maximum frequency of 1,000 MHz and offers good VSWR of 1.3:1.
Our 75 ohm SMC jack connector PE4176 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
0.449 in [11.4 mm]
Width/Dia.
0.374 in [9.50 mm]
Height
0.374 in [9.5 mm]
.
Weight
0.005 lbs [2.27 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole
Spacing PE4176
PE4176 REV 1.1
75 Ohm SMC Jack Connector Solder Attachment Thru
Hole PCB, .200 inch x .067 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4176


Similar Part No. - PE4176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
More results

Similar Description - PE4176

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4369 PASTERNACK-PE4369 Datasheet
234Kb / 2P
75 Ohm SMC Plug Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
PE4178 PASTERNACK-PE4178_16 Datasheet
353Kb / 4P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4179 PASTERNACK-PE4179_16 Datasheet
348Kb / 3P
75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4180 PASTERNACK-PE4180_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4254 PASTERNACK-PE4254_16 Datasheet
316Kb / 3P
75 Ohm SMC Jack Connector Crimp/Solder Attachment
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com