Electronic Components Datasheet Search
  English  ▼

X  

PE4178 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4178
Description  SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4178 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4178 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4178 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4178 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4178 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMC Jack Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• Thru Hole Interface Type
• Solder Attachment
Features
• Max. Operating Frequency 10 GHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4178 SMC jack right angle connector with solder attachment for thru hole PCB (.200 inch x .067 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our SMC jack connector operates up to a
maximum frequency of 10 GHz and offers good VSWR of 1.5:1. Its right angle body geometry allows for easier connections
in tight spaces.
Our SMC jack right angle connector PE4178 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
10
GHz
VSWR
1.5:1
Operating Voltage (AC)
335
Vrms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 3
3 to 10
GHz
VSWR, Max
1.3:1
1.5:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch
Hole Spacing PE4178
PE4178 REV 1.1
SMC Jack Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4178


Similar Part No. - PE4178

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results

Similar Description - PE4178

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44127 PASTERNACK-PE44127 Datasheet
235Kb / 3P
SMC Jack Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .177 inch D Hole
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4176 PASTERNACK-PE4176 Datasheet
816Kb / 2P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE45147 PASTERNACK-PE45147 Datasheet
350Kb / 3P
SMC Jack Bulkhead Mount Connector Solder Attachment Thru Hole PCB
PE4556 PASTERNACK-PE4556_17 Datasheet
362Kb / 4P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
PE4176 PASTERNACK-PE4176_16 Datasheet
350Kb / 3P
75 Ohm SMC Jack Connector Solder Attachment Thru Hole PCB
PE4177 PASTERNACK-PE4177_16 Datasheet
347Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4180 PASTERNACK-PE4180_16 Datasheet
317Kb / 3P
75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB
PE4246 PASTERNACK-PE4246 Datasheet
316Kb / 3P
SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com