Electronic Components Datasheet Search
  English  ▼

X  

MJD127 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MJD127
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MJD127 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MJD127 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
±100
V
Collector-Emitter Voltage
V
CEO
±100
V
Emitter-Base Voltage
V
EBO
±5.0
V
Collector Current
I
C
±5.0
A
Base Current
I
B
±0.1
A
Total Dissipation at
P
tot
30
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
MJD122/MJD127
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CEO
V
CE = ±100V, IB = 0
—
—
±0.5
mA
Collector Cut-off Current
I
CBO
V
CB = ±100V, IE = 0
—
—
±0.2
mA
Emitter Cut-off Current
I
EBO
V
EB = ±5.0V, IC = 0
—
—
2.0
mA
Collector-Emitter Sustaining Voltage
V
CEO
I
C = ±30mA, IB = 0
±100
—
—
V
DC Current Gain
h
FE(1)
V
CE = ±5.0V, IC = ±0.5A
1000
—
—
h
FE(2)
V
CE = ±3.0V, IC = ±3.0A
1000
—
—
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C = ±3.0A, IB = ±12mA
—
—
±1.5
V
I
C = ±5.0A, IB = ±20mA
—
—
±2.5
Base-Emitter Voltage
V
BE(on)
V
CE = ±3.0V, IC = ±3.0A
—
—
±2.5
V
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
Hammer Drivers,Audio Amplifiers Applications
Power Linear and Switching Applications
Product specification
TO-252
B
E
C
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MJD127

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD127 MOTOROLA-MJD127 Datasheet
284Kb / 8P
SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
ON Semiconductor
MJD127 ONSEMI-MJD127 Datasheet
284Kb / 8P
Complementary Darlington Power Transistors
1995 REV 1
logo
STMicroelectronics
MJD127 STMICROELECTRONICS-MJD127 Datasheet
81Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jan-1999
logo
Samsung semiconductor
MJD127 SAMSUNG-MJD127 Datasheet
194Kb / 3P
PNP (D-PACK FOR SURFACE MOUNT APPLICATIONS)
logo
Fairchild Semiconductor
MJD127 FAIRCHILD-MJD127 Datasheet
137Kb / 8P
Complementary Darlington Power Transistors
More results

Similar Description - MJD127

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com