Electronic Components Datasheet Search
  English  ▼

X  

PE37940 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE37940
Description  N Male to N Male Cable Using PE-C195 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE37940 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE37940 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE37940 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE37940 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE37940 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Dielectric Type
PE (F)
Number of Shields
2
Shield Layer 1
Aluminum Tape
Shield Layer 2
Tinned Copper Braid
Jacket Material
PE
Jacket Diameter
0.195 in [4.95 mm]
Connectors
Description
Connector 1
Connector 2
Type
N Male
N Male
Specification
MIL-STD-348A
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Brass, Gold
Brass, Gold
Dielectric Type
Teflon
Teflon
Coupling Nut Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
Hex Size
18 mm
18 mm
Torque
9 in-lbs [1.02 Nm]
9 in-lbs [1.02 Nm]
Body Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE37940 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using PE-C195 Coax, RoHS PE37940
N Male to N Male Cable Using PE-C195 Coax, RoHS
RF Cable Assemblies - PE37940



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com