Electronic Components Datasheet Search
  English  ▼

X  

164B10349X Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 164B10349X
Description  D-SUB Female 37pos. Solder pin straight with threaded insert
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

164B10349X Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  164B10349X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 164B10349X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
scale
/Maßstab:
28.06.02
28.06.02
Mickenbecker
Name
Parei
R
R
R
R
dim. in mm
16K1A699
dwg no /
Z.-nr.:
RoHS & REACH compliant/konform
Date/Datum
appd./
gepr..
drawn
/
gez.
DIN-
A3
D-SUB Female 37pos. Solder pin straight
with threaded insert
D-SUB Buchsenleiste 37pol. Lötstift gerade
mit Gewindeeinsatz
2:1
Index:
b Ä6332 28.09.16 K.H.
Status: InBearbeitung
2 / 2
164o10349X CONEC ABC
0,64 `0,05
n
(37x)
54,94 -0,23
0,02
+
69,39 -0,45
0,31
+
10°
8 - 0,23
0,02
+
1
3,1 `0,1
n
(2x)
1 -0
0,1
+
n
(37x)
63,5 `0,13
12,42 `0,1
16,56 `0,1
23,47 `0,1
20,7 `0,1
17,96 `0,1
24,84 `0,1
22,1 `0,1
19,33 `0,1
15,19 `0,1
9,68 `0,1
6,91 `0,1
4,14 `0,1
1,4 `0,1
13,82 `0,1
11,05 `0,1
8,28 `0,1
5,54 `0,1
2,77 `0,1
PCB hole drillings
( PCB top side ) /
Leiterplattenbohrbild
( Leiterplatten Oberseite )
63,5 `0,13
4-40 UNC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com