Electronic Components Datasheet Search
  English  ▼

X  

IXTQ69N30P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTQ69N30P
Description  PolarHT Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTQ69N30P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTQ69N30P Datasheet HTML 1Page - IXYS Corporation IXTQ69N30P Datasheet HTML 2Page - IXYS Corporation IXTQ69N30P Datasheet HTML 3Page - IXYS Corporation IXTQ69N30P Datasheet HTML 4Page - IXYS Corporation IXTQ69N30P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 204 IXYS All rights reserved
Fig. 2. Extende d Output Characteris tics
@ 25 deg. C
0
20
40
60
80
100
120
140
160
180
0
2
4
6
8
1012
1416
1820
V
D S - V olts
V
GS = 10V
9V
5V
6V
7V
8V
Fig. 3. Output Characteristics
@ 125 Deg. C
0
10
20
30
40
50
60
70
01
23
45
6
78
V
D S - Volts
V
GS = 10V
8V
7V
5V
6V
Fig. 1. Output Characte ris tics
@ 25 De g. C
0
10
20
30
40
50
60
70
00.511.522.53
3.54
V
D S - V olts
V
GS = 10V
8V
7V
5V
6V
Fig. 4. R
DS(on) Nor m alize d to ID25 V alue vs .
Junction Tem perature
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
T
J - Degrees Centigrade
I
D = 69A
I
D = 34. 5A
V
GS = 10V
Fig. 6. Drain Curre nt vs. Case
Te m pe rature
0
10
20
30
40
50
60
70
-50
-25
0
25
50
75
100
125
150
T
C - Degrees Centigrade
Fig. 5. R
DS(on) Nor m alize d to ID25
Value vs. I
D
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
0
20
40
60
80
100
120
140
160
180
I
D - A mperes
T
J = 125ºC
T
J = 25ºC
V
GS = 10V
IXTQ 69N30P
IXTT 69N30P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com