Electronic Components Datasheet Search
  English  ▼

X  

KESTX0 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # KESTX0
Description  400MHz - 460MHz ASK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

KESTX0 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  KESTX0 Datasheet HTML 1Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 2Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 3Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 4Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 5Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 6Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 7Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 8Page - Zarlink Semiconductor Inc KESTX0 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
KESTX01
ELECTRICAL CHARACTERISTICS A.C.
T amb = –40
°C to + 85°C, V
CC = 3.5V to 6.5V. These characteristics are guaranteed by either production test, characterisation
or design. They apply within the specified ambient temperature and supply voltage ranges unless otherwise stated.
Parameter
Symbol
Value
Units
Conditions
Min
Typ
Max
Output current at
IF75
1.4
2.1
2.8
pk–pk
I
mod
=75
µA, F
o
=434MHz
fundamental, V
CC=3.5V
mA
Output current at
IF150
2.4
3.8
4.9
pk-pk
I
mod
=150
µA, F
o
=434MHz
Fundamental, V
CC
= 3.5V
mA
Output current
IF150(6V5)
3.0
4.6
5.6
pk–pk
I
mod =150µA, F
o
=434MHz
fundamental V
CC
= 6.5V
mA
Output level at 2 x
–32
dBc
I
mod =150µA, F
o
=434MHz
fundamental see note 1
(1)
Output level at 3 x
–11
dBc
I
mod =150µA, F
o
=434MHz (1)
fundamental and all other
spurii see note 1
Phase detector gain
PDG
4.7
8
9.5
µA/rad
V
CC = 3.5V
Extinction ratio
ER
40
dB
see note 2
VCO gain
G
VCO
110
MHz/V
TXEN settling time
Txe
5.0
ms
see note 3
Output sidebands due to
SB
–40
dBc
I
mod =150µA, F o =434MHz
reference frequency
see note 4
(1, 4)
30dB rise timeRF envelope
T30R
380
ns
of Data pulse
30dB fall timeRF envelope
T30F
430
ns
of Data pulse
VCO operating frequency
400
434
460
MHz
V
CC = 3.5
Notes:
1. The spurii are specified relative to the fundamental, measured in a 300KHz resolution bandwidth.
2. Extinction ratio is defined as the ratio of the output power SPACE to output power MARK measured at the output
operating fequency.
3. Regulatory issues demand that transmission does not take place until the PLL has acquired lock and the VCO is
operating at its final output frequency. This requirement demands that pin TXEN is set high at least Txe ms prior to the
transmission of any data. This value is dependent on the PLL loop bandwidth and hence on the value of the external
loop filter component values. The specification value above is for the loop filter components shown in the applications
diagram (Figure. 6)
4. Sidebands on the output due to the PLL reference are a function of the PLL loop bandwidth and the application.
Reducing the closed loop bandwidth of the PLL loop will aid in reducing the level of the PLL reference spurii.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com