Electronic Components Datasheet Search
  English  ▼

X  

L293DD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L293DD
Description  PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293DD Datasheet(HTML) 1 Page - STMicroelectronics

  L293DD Datasheet HTML 1Page - STMicroelectronics L293DD Datasheet HTML 2Page - STMicroelectronics L293DD Datasheet HTML 3Page - STMicroelectronics L293DD Datasheet HTML 4Page - STMicroelectronics L293DD Datasheet HTML 5Page - STMicroelectronics L293DD Datasheet HTML 6Page - STMicroelectronics L293DD Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
L293D
L293DD
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
600mA
OUTPUT
CURRENT
CAPABILITY
PER CHANNEL
1.2A PEAK OUTPUT CURRENT (non repeti-
tive) PER CHANNEL
ENABLE FACILITY
OVERTEMPERATURE PROTECTION
LOGICAL "0" INPUT VOLTAGE UP TO 1.5 V
(HIGH NOISE IMMUNITY)
INTERNAL CLAMP DIODES
DESCRIPTION
The Device is a monolithic integrated high volt-
age, high current four channel driver designed to
accept standard DTL or TTL logic levels and drive
inductive loads (such as relays solenoides, DC
and stepping motors) and switching power tran-
sistors.
To simplify use as two bridges each pair of chan-
nels is equipped with an enable input. A separate
supply input is provided for the logic, allowing op-
eration at a lower voltage and internal clamp di-
odes are included.
This device is suitable for use in switching appli-
cations at frequencies up to 5 kHz.
The L293D is assembled in a 16 lead plastic
packaage which has 4 center pins connected to-
gether and used for heatsinking
The L293DD is assembled in a 20 lead surface
mount which has 8 center pins connected to-
gether and used for heatsinking.
July 2003
®
BLOCK DIAGRAM
SO(12+4+4)
Powerdip (12+2+2)
ORDERING NUMBERS:
L293DD
L293D
1/7


Similar Part No. - L293DD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L293DD STMICROELECTRONICS-L293DD Datasheet
80Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jun-1996
L293DD STMICROELECTRONICS-L293DD Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
logo
Texas Instruments
L293DDWP TI-L293DDWP Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
L293DDWP TI-L293DDWP Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
L293DDWPTR TI-L293DDWPTR Datasheet
496Kb / 19P
QUADRUPLE HALF-H DRIVER
More results

Similar Description - L293DD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM18293 NSC-LM18293 Datasheet
144Kb / 6P
Four Channel Push-Pull Driver
logo
NTE Electronics
NTE1749 NTE-NTE1749 Datasheet
25Kb / 3P
Integrated Circuit Push-Pull Four Channel Driver
logo
STMicroelectronics
L293B STMICROELECTRONICS-L293B Datasheet
193Kb / 12P
PUSH-PULL FOUR CHANNEL DRIVERS
Apr-1993
L293C STMICROELECTRONICS-L293C Datasheet
74Kb / 5P
PUSH-BRIDGE DRIVER PUSH-PULL FOUR CHANNEL/DUAL
Apr-1993
L293D STMICROELECTRONICS-L293D Datasheet
80Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jun-1996
L293B STMICROELECTRONICS-L293B_03 Datasheet
592Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
July 2003
L2293Q STMICROELECTRONICS-L2293Q Datasheet
278Kb / 12P
Push-pull four channel driver with diodes
10-Jul-2008
L293B STMICROELECTRONICS-L293B_03 Datasheet
598Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVERS
Jul-2003
L293D STMICROELECTRONICS-L293D_03 Datasheet
865Kb / 7P
PUSH-PULL FOUR CHANNEL DRIVER WITH DIODES
Jul-2003
L2293QTR STMICROELECTRONICS-L2293QTR Datasheet
281Kb / 13P
Push-pull four channel driver with diodes
12-Aug-2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com