Electronic Components Datasheet Search
  English  ▼

X  

THB1248CE Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # THB1248CE
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

THB1248CE Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  THB1248CE Datasheet HTML 1Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 2Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 3Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 4Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 5Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 6Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 7Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 8Page - Delta Electronics, Inc. THB1248CE Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ME
EE
CE
00 ISSUE SPEC
劉文彬07/13'09 劉文彬07/13'09 楊坤昇07/13'09
-----
張楯成08/24'09
8/24'09
01
CHANGE THE MIN PRESSURE MIN TO
42.48 mmH2O ( 1.672 inchH2)
劉文彬05/28'10
劉文彬05/28'10
楊坤昇05/28'10
---
張楯成05/28'10 05/31'10
02
CHANGE THE SPEED RANGE TO 7800+/-
10% & ADD THE SAFETY MARK &
CHANGE THE LENGTH OF WIRE STRIP
&CHANGE THE MATERIAL OF FRAME
TO ALUMINUN AND WEIGHT
劉文彬03/10'11
劉文彬03/10'11
楊坤昇03/11'11
--
張楯成03/11'11 03/11'11
03
CURRECT THE LABEL MARK AND WIRE
STRIP
劉文彬03/15'11
劉文彬03/15'11
楊坤昇03/15'11
---
張楯成08/09'11 08/09'11
04
CHANEGE WIRE STRIP TO 1007 #24 AND
CHANGE TUBE P/N
劉文彬09/01'11
劉文彬09/01'11
黃清彰09/01'11
---
陳建樺 09/01''11 09/01'11
05
CHANGE WIRE LENGTH FROM 260mm
TO 275mm
楊朝富 11/10'15 楊朝富 11/10'15 謝宗融 11/10'15
---
張楯成 11/10'15 11/10'15
06
ADD PWM INTERFACE CIRCUIT
謝宗融 04/19'16 楊朝富 04/19'16 謝宗融 04/19'16
---
張楯成 04/19'16 04/19'16
CHECKED
APPROVED
ISSUE
DATE
*** SAMPLE HISTORY***
CUSTOMER: STD.
CUSTOMER P/N: N.A
DELTA MODEL : THB1248CE
REV.
DESCRIPTION
DRAWN
PAGE 2 OF 14
History-000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com