Electronic Components Datasheet Search
  English  ▼

X  

LM4845ITL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4845ITL
Description  Output Capacitor-less Audio Subsystem with Programmable National 3D
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4845ITL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4845ITL Datasheet HTML 1Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 2Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 3Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 4Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 5Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 6Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 7Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 8Page - National Semiconductor (TI) LM4845ITL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM4845
Output Capacitor-less Audio Subsystem with
Programmable National 3D
General Description
The LM4845 is an audio power amplifier capable of deliver-
ing 500mW of continuous average power into a mono 8
Ω
bridged-tied load (BTL) with 1% THD+N, 25mW per channel
of continuous average power into stereo 32
Ω single-ended
(SE) loads with 1% THD+N, or an output capacitor-less
(OCL) configuration with identical specification as the SE
configuration, from a 3.3V power supply.
The LM4845 features a 32-step digital volume control and
eight distinct output modes. The digital volume control, 3D
enhancement, and output modes (mono/SE/OCL) are pro-
grammed through a two-wire I
2C or a three-wire SPI com-
patible interface that allows flexibility in routing and mixing
audio channels. The LM4845 has three input channels: one
pair for a two-channel stereo signal and the third for a
single-channel mono input.
The LM4845 is designed for cellular phone, PDA, and other
portable handheld applications. It delivers high quality output
power from a surface-mount package and requires only
seven external components in the OCL mode (two additional
components in SE mode).
Key Specifications
j THD+N at 1kHz, 500mW
into 8
Ω BTL (3.3V)
1.0% (typ)
j THD+N at 1kHz, 25mW
into 32
Ω SE (3.3V)
1.0% (typ)
j Single Supply Operation (VDD)
2.7 to 5.5V
j I
2C/SPI Single Supply Operation
2.2 to 5.5V
Features
n
I
2C/SPI Control Interface
n
I
2C/SPI programmable National 3D Audio
n
I
2C/SPI controlled 32 step digital volume control (-54dB
to +18dB)
n
Three independent volume channels (Left, Right, Mono)
n
Eight distinct output modes
n
microSMD surface mount packaging
n
“Click and Pop” suppression circuitry
n
Thermal shutdown protection
n
Low shutdown current (0.1uA, typ)
Applications
n
Moblie Phones
n
PDAs
Boomer® is a registered trademark of National Semiconductor Corporation.
March 2005
© 2005 National Semiconductor Corporation
DS201059
www.national.com


Similar Part No. - LM4845ITL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840LQ NSC-LM4840LQ Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MH NSC-LM4840MH Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4840MT NSC-LM4840MT Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4841 NSC-LM4841 Datasheet
1Mb / 31P
Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
More results

Similar Description - LM4845ITL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4540 NSC-LM4540 Datasheet
298Kb / 16P
AC ??7 Codec with National 3D Sound
LM4543 NSC-LM4543 Datasheet
304Kb / 16P
AC ??7 Codec with National 3D Sound
LM4846 NSC-LM4846 Datasheet
686Kb / 19P
Output Capacitor-less Audio Subsystem with Programmable National 3D
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
LM4946 NSC-LM4946_07 Datasheet
806Kb / 34P
Output Capacitor-Less Audio Subsystem with Programmable National 3D
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
Output Capacitor-less Video Drivers
logo
Texas Instruments
LM4946 TI1-LM4946 Datasheet
1Mb / 37P
Output Capacitor-Less Audio Subsystem with Programmable TI 3D
logo
Unisonic Technologies
LR9107XG-XX-AF5-R UTC-LR9107XG-XX-AF5-R Datasheet
212Kb / 5P
OUTPUT CAPACITOR-LESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com