Electronic Components Datasheet Search
  English  ▼

X  

PE1008 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1008
Description  4-40 Stainless Steel Nut in 100 Each Packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1008 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1008 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1008 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
4-40 Stainless Steel Nut in 100 Each Packages
Configuration
Description
Nut
Hex Size, in.
1/4
Pieces Per Package
100
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
4-40 Stainless Steel Nut in 100 Each Packages from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4-40 Stainless Steel Nut in 100 Each Packages PE1008
URL: http://www.pasternack.com/4-40-stainless-steel-nut-in-100-pe1008-p.aspx
PE1008
PE1008 REV
4-40 Stainless Steel Nut in 100 Each Packages


Similar Part No. - PE1008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE1008N NIEC-PE1008N Datasheet
196Kb / 3P
DIODE MODULE 100A/800V
PE1008N NIEC-PE1008N Datasheet
156Kb / 2P
100A Avg 800 Volts
logo
Kyocera Kinseki Corpota...
PE1008N KSS-PE1008N Datasheet
251Kb / 2P
Diode
logo
Nihon Inter Electronics...
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
100A Avg 800 Volts
logo
National Instruments Co...
PE1008N NI-PE1008N_15 Datasheet
156Kb / 2P
DIODE
More results

Similar Description - PE1008

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1004-1-100PK PASTERNACK-PE1004-1-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.25 Inch Long Phillips in 100 Each Packages
PE1004-2-100PK PASTERNACK-PE1004-2-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.375 Inch Long Phillips in 100 Each Packages
PE1004-3-100PK PASTERNACK-PE1004-3-100PK Datasheet
347Kb / 2P
3-56 Stainless Steel Screw 0.5 Inch Long Phillips in 100 Each Packages
PE1005-1 PASTERNACK-PE1005-1 Datasheet
203Kb / 2P
4-40 Stainless Steel Screw 0.25 Inch Long Phillips in 100 Each Packages
PE1005-2 PASTERNACK-PE1005-2 Datasheet
201Kb / 2P
4-40 Stainless Steel Screw 0.375 Inch Long Phillips in 100 Each Packages
PE1005-3 PASTERNACK-PE1005-3 Datasheet
202Kb / 2P
4-40 Stainless Steel Screw 0.5 Inch Long Phillips in 100 Each Packages
PE1006-2 PASTERNACK-PE1006-2 Datasheet
213Kb / 2P
4-40 Zinc Plated Screw 0.375 Inch Long Phillips in 100 Each Packages
PE1006-3 PASTERNACK-PE1006-3 Datasheet
201Kb / 2P
4-40 Zinc Plated Screw 0.5 Inch Long Phillips in 100 Each Packages
PE1007 PASTERNACK-PE1007 Datasheet
202Kb / 2P
3-56 Stainless Steel Nut in 100 Each Packages
PE1009 PASTERNACK-PE1009 Datasheet
559Kb / 2P
4-40 Zinc Plated Nut in 100 Each Packages
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com