Electronic Components Datasheet Search
  English  ▼

X  

PE1622 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1622
Description  500 MHz to 40 GHz 2.92mm Bias Tee Rated To 1000 mA And 50 Volts DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1622 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1622 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1622 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1622 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
RF Port Connector
2.92mm Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
2.92mm Female
DC/RF Port Connector Impedance
50 Ohms
DC Port Connector
Pin
Design
Broadband
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
500 MHz
40 GHz
RF Port VSWR
2:1
Insertion Loss
1.8
dB
DC Voltage
50
Volts
DC Current
1,000
mA
.
Mechanical Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +125 deg C
.
Humidity
MIL-STD-202G
Shock
MIL-STD-202G
Vibration
MIL-STD-202G
Connectors
Description
RF Port Connector
RF/DC Port Connector
DC Port Connector
Type
2.92mm Female
2.92mm Female
Pin
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 500 MHz to 40 GHz 2.92mm Bias Tee Rated To 1000 mA And 50 Volts DC PE1622
PE1622
PE1622 REV 1.0
500 MHz to 40 GHz 2.92mm Bias Tee Rated
To 1000 mA And 50 Volts DC


Similar Part No. - PE1622

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1621 PASTERNACK-PE1621 Datasheet
351Kb / 3P
10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC
More results

Similar Description - PE1622

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1603 PASTERNACK-PE1603 Datasheet
220Kb / 3P
1 GHz to 5 GHz SMA Bias Tee Rated To 1000 mA And 50 Volts DC
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1605 PASTERNACK-PE1605 Datasheet
361Kb / 2P
400 MHz to 10 GHz SMA Bias Tee Rated To 200 mA And 50 Volts DC
PE1606 PASTERNACK-PE1606 Datasheet
217Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated To 750 mA And 24 Volts DC
PE1619 PASTERNACK-PE1619 Datasheet
212Kb / 3P
0.03 MHz to 70 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
PE1621 PASTERNACK-PE1621 Datasheet
351Kb / 3P
10 MHz to 40 GHz 2.92mm Bias Tee Rated To 250 mA And 16 Volts DC
PE1606A PASTERNACK-PE1606A Datasheet
468Kb / 3P
0.1 MHz to 12.4 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
PE1BT1000 PASTERNACK-PE1BT1000 Datasheet
396Kb / 3P
500 MHz to 10 GHz SMA Bias Tee Rated to 700 mA And 50 Volts DC
PE1BT1002 PASTERNACK-PE1BT1002 Datasheet
348Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated to 750 mA And 24 Volts DC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com