| Electronic Components Datasheet Search |
|
AD7653ASTZ Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7653ASTZ Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 27 page ![]() AD7653 Data Sheet Rev. C | Page 22 of 26 SLAVE SERIAL INTERFACE External Clock The AD7653 is configured to accept an externally supplied serial data clock on the SCLK pin when the EXT/INT pin is held HIGH. In this mode, several methods can be used to read the data. The external serial clock is gated by CS. When CS and RD are both LOW, the data can be read after each conversion or during the following conversion. The external clock can be either a continuous or a discontinuous clock. A discontinuous clock can be either normally HIGH or normally LOW when inactive. Figure 34 and Figure 35 show the detailed timing diagrams of these methods. While the AD7653 is performing a bit decision, it is important that voltage transients be avoided on digital input/output pins, or degradation of the conversion result could occur. This is particularly important during the second half of the conversion phase because the AD7653 provides error correction circuitry that can correct for an improper bit decision made during the first half of the conversion phase. For this reason, it is recom- mended that when an external clock is being provided, it is a discontinuous clock that is toggling only when BUSY is LOW, or, more importantly, that it does not transition during the latter half of BUSY HIGH. SCLK SDOUT D15 D14 D1 D0 D13 X15 X14 X13 X1 X0 Y15 Y14 BUSY SDIN INVSCLK = 0 t35 t36 t37 t31 t32 t16 t33 X15 X14 X 1 2 3 14 151617 18 t34 02966-0-017 EXT/INT = 1 RD RD = 0 Figure 34. Slave Serial Data Timing for Reading (Read after Convert) SDOUT SCLK D1 D0 X D15 D14 D13 12 3 14 15 16 t3 t35 t36 t37 t31 t32 t16 BUSY EXT/INT = 1 INVSCLK = 0 02966-0-018 CNVST CS RD = 0 Figure 35. Slave Serial Data Timing for Reading (Read Previous Conversion during Convert) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |