Electronic Components Datasheet Search
  English  ▼

X  

AD7655 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7655
Description  Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7655 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7655 Datasheet HTML 17Page - Analog Devices AD7655 Datasheet HTML 18Page - Analog Devices AD7655 Datasheet HTML 19Page - Analog Devices AD7655 Datasheet HTML 20Page - Analog Devices AD7655 Datasheet HTML 21Page - Analog Devices AD7655 Datasheet HTML 22Page - Analog Devices AD7655 Datasheet HTML 23Page - Analog Devices AD7655 Datasheet HTML 24Page - Analog Devices AD7655 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AD7655
Data Sheet
Rev. E | Page 20 of 26
SERIAL INTERFACE
The AD7655 is configured to use the serial interface when the
SER/PAR isheldhigh. The AD7655 outputs32 bitsof data, MSB
first, on the SDOUT pin. The order of the channels being output
is also controlled by A/B. When high, Channel Aisoutput first;
when low, Channel B is output first. This data is synchronized
with the 32 clock pulses provided on the SCLK pin.
MASTER SERIAL INTERFACE
Internal Clock
The AD7655 is configured to generate and provide the serial
data clock SCLK when the EXT/INT pin is held low. The
AD7655 also generates a SYNC signal to indicate to the host
when the serial data is valid. The serial clock SCLK and the
SYNC signal can be inverted, if desired, using the INVSCLK
and INVSYNC inputs, respectively. The output data is valid on
both the rising and falling edge of the data clock. In this mode,
the D7/RDC/SDIN input is used to select between reading after
conversion (RDC = low) or reading previous conversion results
during conversion (RDC = high). Figure 29 and Figure 30 show
the detailed timing diagrams of these two modes.
Usually, because the AD7655 is used with a fast throughput, the
master read during convert mode is the most recommended
serial mode when it can be used. In this mode, the serial clock
and data toggle at appropriate instants, which minimizes
potential feed through between digital activity and the critical
conversion decisions. The SYNC signal goes low after the LSB
of each channel has been output. Note that in this mode, the
SCLK period changes because the LSBs require more time to
settle, and the SCLK is derived from the SAR conversion clock.
Note that in master read after convert mode, unlike in other
modes, the BUSY signal returns low after the 32 bits of data are
pulsed out and not at the end of the conversion phase, which
results in a longer BUSY width. One advantage of using this
mode is that it can accommodate slow digital hosts because the
serial clock can be slowed down by using the DIVSCLK[1:0]
inputs. Refer to Table 4 for the timing details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com