Electronic Components Datasheet Search
  English  ▼

X  

AD7655ASTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7655ASTZ
Description  Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7655ASTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7655ASTZ Datasheet HTML 12Page - Analog Devices AD7655ASTZ Datasheet HTML 13Page - Analog Devices AD7655ASTZ Datasheet HTML 14Page - Analog Devices AD7655ASTZ Datasheet HTML 15Page - Analog Devices AD7655ASTZ Datasheet HTML 16Page - Analog Devices AD7655ASTZ Datasheet HTML 17Page - Analog Devices AD7655ASTZ Datasheet HTML 18Page - Analog Devices AD7655ASTZ Datasheet HTML 19Page - Analog Devices AD7655ASTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Data Sheet
AD7655
Rev. E | Page 15 of 26
AVDD
AGND
DGND
DVDD OVDD
OGND
SER/PAR
CNVST
BUSY
SDOUT
SCLK
RD
CS
RESET
PD
REFGND
CREF
2.5V REF
NOTE 1
REF
REF A
REF B
30
Ω
D
CLOCK
AD7655
µC/µP/
DSP
SERIAL PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
DVDD
A/B
NOTE 7
BYTESWAP
DVDD
50k
Ω
100nF
1M
Ω
INA1
CC
2.7nF
U1
NOTE 4
NOTE 5
50
Ω
+
10
Ω
2.7nF
U2
NOTE 4
NOTE 5
50
Ω
+
10
Ω
INAN
INA2
NOTE 2
NOTE 3
NOTE 6
AD780
10µF
100nF
+
100nF
+
100nF
+
10µF
50
Ω
+
NOTES
1. SEE VOLTAGE REFERENCE INPUT SECTION.
2. WITH THE RECOMMENDED VOLTAGE REFERENCES, CREF IS 47µF. SEE VOLTAGE REFERENCE INPUT SECTION.
3. OPTIONAL CIRCUITRY FOR HARDWARE GAIN CALIBRATION.
4. THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
5. SEE ANALOG INPUTS SECTION.
6. OPTIONAL, SEE POWER SUPPLY SECTION.
7. OPTIONAL LOW JITTER CNVST. SEE CONVERSION CONTROL SECTION.
A0
INB1
2.7nF
U3
NOTE 4
NOTE 5
50
Ω
+
10
Ω
INBN
2.7nF
U4
NOTE 4
NOTE 5
50
Ω
+
10
Ω
INB2
ANALOG INPUT A1
ANALOG INPUT A2
ANALOG INPUT B1
ANALOG INPUT B2
CC
CC
CC
10µF
1µF
NOTE 1
Figure 18. Typical Connection Diagram (Serial Interface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com