Electronic Components Datasheet Search
  English  ▼

X  

AD7678ASTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7678ASTZ
Description  18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7678ASTZ Datasheet(HTML) 4 Page - Analog Devices

  AD7678ASTZ Datasheet HTML 1Page - Analog Devices AD7678ASTZ Datasheet HTML 2Page - Analog Devices AD7678ASTZ Datasheet HTML 3Page - Analog Devices AD7678ASTZ Datasheet HTML 4Page - Analog Devices AD7678ASTZ Datasheet HTML 5Page - Analog Devices AD7678ASTZ Datasheet HTML 6Page - Analog Devices AD7678ASTZ Datasheet HTML 7Page - Analog Devices AD7678ASTZ Datasheet HTML 8Page - Analog Devices AD7678ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
AD7678
Rev. A | Page 3 of 28
SPECIFICATIONS
Table 2. –40°C to +85°C, VREF = 4.096 V, AVDD = DVDD = 5 V, OVDD = 2.7 V to 5.25 V, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
VIN+ – VIN–
–VREF
+VREF
V
Operating Input Voltage
VIN+, VIN– to AGND
–0.1
AVDD + 0.1
V
Analog Input CMRR
fIN = 100 kHz
65
dB
Input Current
100 kSPS Throughput
4
μA
Input Impedance1
THROUGHPUT SPEED
Complete Cycle
10
μs
Throughput Rate
0
100
kSPS
DC ACCURACY
Integral Linearity Error
–2.5
+2.5
LSB2
Differential Linearity Error
–1
+1.75
LSB
No Missing Codes
18
Bits
Transition Noise
VREF = 5 V
0.7
LSB
Zero Error, TMIN to TMAX
–40
±40
LSB
Zero Error Temperature Drift
±0.5
ppm/°C
Gain Error, TMIN to TMAX3
–0.048
See Note 3
+0.048
% of FSR
Gain Error Temperature Drift
±1.6
ppm/°C
Power Supply Sensitivity
AVDD = 5 V ± 5%
±4
LSB
AC ACCURACY
Signal-to-Noise
fIN = 2 kHz, VREF = 5 V
101
dB4
VREF = 4.096 V
98
100
dB
fIN = 10 kHz, VREF = 4.096 V
99.5
dB
fIN = 45 kHz, VREF = 4.096 V
98
dB
Dynamic Range
VIN+ = VIN– = VREF/2 = 2.5 V
103
dB
Spurious-Free Dynamic Range
fIN = 2 kHz
120
dB
fIN = 10 kHz
117
dB
fIN = 45 kHz
110
dB
Total Harmonic Distortion
fIN = 2 kHz
–118
dB
fIN = 10 kHz
–115
dB
fIN = 45 kHz
–110
dB
Signal-to-(Noise + Distortion)
fIN = 2 kHz
100
dB
fIN = 2 kHz, –60 dB Input
41
dB
–3 dB Input Bandwidth
900
kHz
SAMPLING DYNAMICS
Aperture Delay
2
ns
Aperture Jitter
5
ps rms
Transient Response
Full-Scale Step
8.5
μs
Overvoltage Recovery
8.5
μs
REFERENCE
External Reference Voltage Range
REF
3
4.096
AVDD + 0.1
V
REF Voltage with Reference Buffer
REFBUFIN = 2.5 V
4.05
4.096
4.15
V
Reference Buffer Input Voltage Range
REFBUFIN
1.8
2.5
2.6
V
REFBUFIN Input Current
–1
+1
μA
REF Current Drain
100 kSPS Throughput
42
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com