Electronic Components Datasheet Search
  English  ▼

X  

MA193 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA193
Description  Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA193 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA193 Datasheet HTML 1Page - Panasonic Semiconductor MA193 Datasheet HTML 2Page - Panasonic Semiconductor MA193 Datasheet HTML 3Page - Panasonic Semiconductor MA193 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Switching Diodes
194
MA4X193 (MA193)
Silicon epitaxial planar type
Silicon epitaxial planar type
I Features
• Mini type 4-pin package, contained four elements
• Short reverse recovery time t
rr
• Bridge diodes for surface mounting
• Anode common + cathode common composite product
I Absolute Maximum Ratings T
a = 25°C
1: Cathode 1
3: Anode 3
Anode 2
Cathode 4
2: Cathode 2, 3
4: Anode 1, 4
Mini Type Package (4-pin)
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
80
V
Repetitive peak reverse voltage
VRRM
80
V
Average forward current
IF(AV)
70
mA
Repetitive peak forward current
IFRM
150
mA
Non-repetitive peak forward
IFSM
250
mA
surge current*
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 75 V
100
nA
Forward voltage (DC)
VF
IF = 70 mA
1.2
V
Reverse voltage (DC)
VR
IR = 100 µA80
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
15
pF
Reverse recovery time*
trr
IF = 10 mA, VR = 6 V
10
ns
Irr = 0.1 · IR, RL = 100
Ω
I Electrical Characteristics T
a = 25
°C
Internal Connection
Marking Symbol: M2Z
Note) * : t = 1 s
Note) 1. Rated input/output frequency: 100 MHz
2. * : trr measuring circuit
4
3
1
2
2.8
+ 0.2
− 0.3
1.5
+ 0.25
− 0.05
0.65
± 0.15
0.65
± 0.15
0.5 R
1
2
4
3
0.4
± 0.2
0.1 to 0.3
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA193

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
MA193-250 CHAUVINARNOUX-MA193-250 Datasheet
3Mb / 12P
Power and Energy quality Analysers
04/2019
MA193-350 CHAUVINARNOUX-MA193-350 Datasheet
3Mb / 12P
Power and Energy quality Analysers
04/2019
More results

Similar Description - MA193

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
LS914 PANJIT-LS914 Datasheet
92Kb / 3P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com