Electronic Components Datasheet Search
  English  ▼

X  

PE301 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE301
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE301 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE301 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE301 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE301 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE301 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Male Right Angle
• Cable Type: 160 Series
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.4:1
Velocity of Propagation
69.5
%
RF Shielding
90
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
Operating Voltage (AC)
1,900
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
1
2
4.5
9
18
GHz
Insertion Loss (Max.)
0.23
0.32
0.48
0.75
1.1
dB/ft
[0.75]
[1.05]
[1.57]
[2.46]
[3.61]
[dB/m]
.
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR measurements up to 9% higher.
Insertion Loss does not include the loss of the connectors. Insertion Loss is estimated as .05dB x SQRT Frequency
(GHz) per connector.
Mechanical Specifications
Cable Assembly
Diameter
0.17 in [4.32 mm]
.
Weight
0.05 lbs [22.68 g]
Cable
Cable Type
160 Series
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Right Angle Precision Cable Using 160 Series Coax, RoHS PE301
PE301 REV
SMA Male to SMA Male Right Angle Precision
Cable Using 160 Series Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE301


Similar Part No. - PE301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE301 MACOM-PE301 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Pasternack Enterprises,...
PE301-12 PASTERNACK-PE301-12 Datasheet
241Kb / 4P
SMA Male to SMA Male Right Angle Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE301-120 PASTERNACK-PE301-120 Datasheet
241Kb / 4P
SMA Male to SMA Male Right Angle Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
logo
Tyco Electronics
PE301-150/5 MACOM-PE301-150/5 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Pasternack Enterprises,...
PE301-24 PASTERNACK-PE301-24 Datasheet
241Kb / 4P
SMA Male to SMA Male Right Angle Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE301

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com