Electronic Components Datasheet Search
  English  ▼

X  

PE302 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE302
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE302 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE302 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE302 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE302 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE302 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE302 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Male
• Cable Type: 160 Series
Features
• Max Frequency 18 GHz
• Shielding Effectivity > 110 dB
• 70% Phase Velocity
• Double Shielded
• FEP Jacket
Applications
• General Purpose
• Laboratory Use
.
Description
Pasternack’s PE302 type N male to type N male cable using 160 series coax is part of our full line of RF components available
for same-day shipping. Pasternack’s flexible RF cable assemblies are ideal for applications where tight bends and flexure
are required. This Pasternack type N to type N cable assembly has a male to male gender configuration with 50 ohm flexible
160 series coax. The PE302 type N male to type N male cable assembly operates to 18 GHz. The double shielding of this
Pasternack cable assembly provides excellent shielding effectiveness of better than 110 dB.
Custom versions of most RF cable assemblies can be built and shipped same day. Custom cable assembly lengths can be
obtained by specifying the desired length on the web site at time of order or by contacting a sales representative. Other avail-
able RF cable assembly value added services include connector orientation or clocking, heat shrink booting and custom label-
ing. RF testing can also be performed to document the electrical performance of your cable assembly.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.35:1
Velocity of Propagation
70
%
RF Shielding
110
dB
Capacitance
29.4 [96.46]
pF/ft [pF/m]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable Using 160 Series Coax with HeatShrink, LF Solder, RoHS PE302
PE302 REV 1.2
N Male to N Male Cable Using 160 Series Coax
with HeatShrink, LF Solder, RoHS
RF Cable Assemblies Technical Data Sheet
PE302


Similar Part No. - PE302

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE302-12 PASTERNACK-PE302-12 Datasheet
235Kb / 4P
N Male to N Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE302-120 PASTERNACK-PE302-120 Datasheet
235Kb / 4P
N Male to N Male Precision Cable 120 Inch Length Using 160 Series Coax, RoHS
PE302-24 PASTERNACK-PE302-24 Datasheet
235Kb / 4P
N Male to N Male Precision Cable 24 Inch Length Using 160 Series Coax, RoHS
PE302-36 PASTERNACK-PE302-36 Datasheet
236Kb / 4P
N Male to N Male Precision Cable 36 Inch Length Using 160 Series Coax, RoHS
PE302-48 PASTERNACK-PE302-48 Datasheet
236Kb / 4P
N Male to N Male Precision Cable 48 Inch Length Using 160 Series Coax, RoHS
More results

Similar Description - PE302

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3W03154-12 PASTERNACK-PE3W03154-12 Datasheet
434Kb / 4P
RF Cable Assemblies Technical Data Sheet
PE3C4447-72 PASTERNACK-PE3C4447-72 Datasheet
485Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-6 PASTERNACK-PE3C4448-6 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4448-72 PASTERNACK-PE3C4448-72 Datasheet
486Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4451-72 PASTERNACK-PE3C4451-72 Datasheet
504Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4452-6 PASTERNACK-PE3C4452-6 Datasheet
506Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4453-60 PASTERNACK-PE3C4453-60 Datasheet
499Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-6 PASTERNACK-PE3C4454-6 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4454-24 PASTERNACK-PE3C4454-24 Datasheet
500Kb / 5P
RF Cable Assemblies Technical Data Sheet
PE3C4455-24 PASTERNACK-PE3C4455-24 Datasheet
449Kb / 4P
RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com