Electronic Components Datasheet Search
  English  ▼

X  

PE4128 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4128
Description  SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4128 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4128 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4128 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4128 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• 2 Hole Flange
Features
• Max. Operating Frequency 18 GHz
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4128 SMA female connector solder attachment 2 hole flange mount stub terminal, .481 inch hole spacing
is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up to a
maximum frequency of 18 GHz and offers excellent VSWR of 1.25:1. This SMA 2 hole flange connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our SMA female 2 hole flange connector PE4128 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
1,000
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.079 in [27.41 mm]
Width/Dia.
0.224 in [5.69 mm]
Height
0.625 in [15.88 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch
Hole Spacing, .050 inch Diameter, Gold Plated PE4128
PE4128 REV 1.1
SMA Female Connector Solder Attachment
2 Hole Flange Mount Stub Terminal, .481 inch Hole
Spacing, .050 inch Diameter, Gold Plated
RF Connectors Technical Data Sheet
PE4128


Similar Part No. - PE4128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4128 PASTERNACK-PE4128 Datasheet
256Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Panel Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter, Gold Plated
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4128-SF PASTERNACK-PE4128-SF Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Stub Terminal, .481 inch Hole Spacing, .050 inch Diameter
PE4128-SF PASTERNACK-PE4128-SF Datasheet
355Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4128-SF PASTERNACK-PE4128-SF_16 Datasheet
355Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
More results

Similar Description - PE4128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4127 PASTERNACK-PE4127 Datasheet
377Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE45039 PASTERNACK-PE45039 Datasheet
366Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE45067 PASTERNACK-PE45067 Datasheet
345Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Terminal
PE4547 PASTERNACK-PE4547_16 Datasheet
325Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount
PE4004 PASTERNACK-PE4004_16 Datasheet
358Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4099 PASTERNACK-PE4099_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Stub Terminal
PE4127 PASTERNACK-PE4127_16 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing
PE4128-SF PASTERNACK-PE4128-SF_16 Datasheet
355Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4196 PASTERNACK-PE4196_16 Datasheet
323Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount
PE4197 PASTERNACK-PE4197_16 Datasheet
328Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com