Electronic Components Datasheet Search
  English  ▼

X  

PE4183 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4183
Description  HN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .906 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4183 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4183 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4183 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4183 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• HN Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 2 GHz
• Gold Plated Brass Contact
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4183 HN female 4 hole flange mount connector with solder cup terminal (.906 inch hole spacing) is part of our
full line of RF components available for same-day shipping. Our HN female connector operates up to a maximum frequency
of 2 GHz. This HN 4 hole flange connector allows designers to create external connections on their product enclosures, and
can be used in a variety of other rack mount and panel mount applications.
Our HN female 4 hole flange connector PE4183 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
Operating Voltage (AC)
1,900
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.55 in [39.37 mm]
Width/Dia.
1.19 in [30.23 mm]
Height
1.19 in [30.23 mm]
.
Weight
0.087 lbs [39.46 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: HN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
.906 inch Hole Spacing PE4183
PE4183 REV 1.1
HN Female Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .906 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4183


Similar Part No. - PE4183

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4183 PASTERNACK-PE4183 Datasheet
253Kb / 2P
HN Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .906 inch Hole Spacing
More results

Similar Description - PE4183

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4527 PASTERNACK-PE4527 Datasheet
293Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4322 PASTERNACK-PE4322 Datasheet
205Kb / 2P
SC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4395 PASTERNACK-PE4395 Datasheet
219Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE44394 PASTERNACK-PE44394 Datasheet
220Kb / 3P
SSMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .232 inch Hole Spacing
PE4183 PASTERNACK-PE4183 Datasheet
253Kb / 2P
HN Female Connector Solder Attachment 4 Hole Panel Solder Cup Terminal, .906 inch Hole Spacing
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4218 PASTERNACK-PE4218_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
PE4228 PASTERNACK-PE4228_16 Datasheet
356Kb / 3P
MHV Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal .500 inch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com