Electronic Components Datasheet Search
  English  ▼

X  

PE4191 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4191
Description  N Female Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4191 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4191 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4191 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4191 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG214, RG9, RG225, RG393 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Good VSWR of 1.35:1
• Gold Plated Phosphor Bronze Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4191 type N female connector with crimp/solder attachment for RG214, RG9, RG225 and RG393 is part
of our full line of RF components available for same-day shipping. Our type N female connector operates up to a maximum
frequency of 11 GHz and offers good VSWR of 1.35:1.
Our type N female connector PE4191 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
VSWR
1.35:1
Operating Voltage (AC)
1,000
Vrms
.
Mechanical Specifications
Size
Length
1.68 in [42.67 mm]
Width/Dia.
0.667 in [16.94 mm]
.
Weight
0.084 lbs [38.1 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Connector Crimp/Solder Attachment for RG214, RG9, RG225, RG393 PE4191
PE4191 REV 1.1
N Female Connector Crimp/Solder Attachment
for RG214, RG9, RG225, RG393
RF Connectors Technical Data Sheet
PE4191


Similar Part No. - PE4191

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4190 PASTERNACK-PE4190 Datasheet
244Kb / 2P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/8 inch Stripline PCB
PE4190 PASTERNACK-PE4190 Datasheet
322Kb / 3P
SMA Female Connector Solder/Solder Attachment 1/8 inch Stripline PCB
logo
Peregrine Semiconductor
PE41901 PSEMI-PE41901 Datasheet
541Kb / 21P
Image Reject Mixer, 10??9 GHz
PE41901A-X PSEMI-PE41901A-X Datasheet
541Kb / 21P
Image Reject Mixer, 10??9 GHz
logo
Pasternack Enterprises,...
PE4190 PASTERNACK-PE4190_16 Datasheet
322Kb / 3P
SMA Female Connector Solder/Solder Attachment 1/8 inch Stripline PCB
More results

Similar Description - PE4191

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44475 PASTERNACK-PE44475 Datasheet
206Kb / 2P
RP N Female Connector Crimp-Solder Attachment
PE4070 PASTERNACK-PE4070_16 Datasheet
361Kb / 4P
BNC Female Connector Crimp/Solder Attachment
PE4079 PASTERNACK-PE4079_16 Datasheet
417Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4134 PASTERNACK-PE4134_16 Datasheet
353Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4308 PASTERNACK-PE4308_16 Datasheet
357Kb / 3P
BNC Female Connector Crimp/Solder Attachment
PE4371 PASTERNACK-PE4371_16 Datasheet
357Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4412 PASTERNACK-PE4412_16 Datasheet
315Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4413 PASTERNACK-PE4413_13 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE4438 PASTERNACK-PE4438_16 Datasheet
388Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4442 PASTERNACK-PE4442_16 Datasheet
321Kb / 3P
N Female Bulkhead Mount Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com