Electronic Components Datasheet Search
  English  ▼

X  

PE4196 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4196
Description  SMA Female Connector Solder Attachment 2 Hole Flange Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4196 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4196 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4196 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4196 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• PE-SR402AL, PE-SR402FL, RG402 Interface Type
• Solder/Solder Attachment
• 2 Hole Flange
Features
• Gold Plated Beryllium Copper Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• Custom Cable Assemblies
.
Description
Pasternack’s PE4196 SMA female 2 hole flange mount connector with solder/solder attachment for PE-SR402AL, PE-
SR402FL and RG402 (.481 inch hole spacing) is part of our full line of RF components available for same-day shipping. This
SMA 2 hole flange connector allows designers to create external connections on their product enclosures, and can be used in
a variety of other rack mount and panel mount applications.
Our SMA female 2 hole flange connector PE4196 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.56 in [14.22 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.63 in [16 mm]
.
Weight
0.005 lbs [2.27 g]
.
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
MIL-G-45204
Insulation
PTFE
Body
Stainless Steel
Gold
MIL-G-45204
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 2 Hole Flange Mount for PE-SR402AL, PE-SR-
402FL, RG402, .481 inch Hole Spacing PE4196
PE4196 REV 1.1
SMA Female Connector Solder Attachment 2 Hole Flange Mount
for PE-SR402AL, PE-SR402FL, RG402, .481 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4196


Similar Part No. - PE4196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4196 PASTERNACK-PE4196 Datasheet
231Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange For PE-SR402AL, PE-SR402FL, RG402, .481 inch Hole Spacing
More results

Similar Description - PE4196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45039 PASTERNACK-PE45039 Datasheet
366Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE45067 PASTERNACK-PE45067 Datasheet
345Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Terminal
PE45139 PASTERNACK-PE45139 Datasheet
332Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4547 PASTERNACK-PE4547_16 Datasheet
325Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount
PE4548 PASTERNACK-PE4548_16 Datasheet
382Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4004 PASTERNACK-PE4004_16 Datasheet
358Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4128 PASTERNACK-PE4128_16 Datasheet
356Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4128-SF PASTERNACK-PE4128-SF_16 Datasheet
355Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Stub Terminal
PE4197 PASTERNACK-PE4197_16 Datasheet
328Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com