Electronic Components Datasheet Search
  English  ▼

X  

MB91F264B Datasheet(PDF) 42 Page - fujitsu semiconductor

Part # MB91F264B
Description  32-bit Proprietary Microcontroller CMOS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F264B Datasheet(HTML) 42 Page - fujitsu semiconductor

Back Button MB91F264B Datasheet HTML 38Page - fujitsu semiconductor MB91F264B Datasheet HTML 39Page - fujitsu semiconductor MB91F264B Datasheet HTML 40Page - fujitsu semiconductor MB91F264B Datasheet HTML 41Page - fujitsu semiconductor MB91F264B Datasheet HTML 42Page - fujitsu semiconductor MB91F264B Datasheet HTML 43Page - fujitsu semiconductor MB91F264B Datasheet HTML 44Page - fujitsu semiconductor MB91F264B Datasheet HTML 45Page - fujitsu semiconductor MB91F264B Datasheet HTML 46Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
MB91260B Series
42
2.
Recommended Operating Conditions
(Vss
= AVss = 0 V)
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
4.0
5.5
V
At normal operating
Analog power supply
voltage
AVCC
VSS
+ 4.0
VSS
+ 5.5
V
Analog reference voltage
AVRH0
AVSS
AVCC
V
For A/D converter 0
AVRH1
AVSS
AVCC
V
For A/D converter 1
AVRH2
AVSS
AVCC
V
For A/D converter 2
Operating temperature
Ta
− 40
+ 105
°C
MASK product (at single chip
operation)
− 40
+ 85
°C
FLASH product (at single chip
operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com