Electronic Components Datasheet Search
  English  ▼

X  

ILAS-1206 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILAS-1206
Description  Chip Array Ferrite Beads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILAS-1206 Datasheet(HTML) 2 Page - Vishay Siliconix

  ILAS-1206 Datasheet HTML 1Page - Vishay Siliconix ILAS-1206 Datasheet HTML 2Page - Vishay Siliconix ILAS-1206 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ILAS-1206
www.vishay.com
Vishay Dale
Revision: 17-Aug-17
2
Document Number: 34103
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CURVES - Frequency Characteristics of R, X, and Z
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
FREQUENCY (MHz)
60 Ω
Z
R
X
0
40
80
120
160
200
1
10
100
1000
FREQUENCY (MHz)
120 Ω
Z
R
X
0
50
100
150
200
250
300
350
400
450
1
10
100
1000
FREQUENCY (MHz)
300 Ω
Z
R
X
0
100
200
300
400
500
600
700
800
900
1
10
100
1000
FREQUENCY (MHz)
600 Ω
Z
R
X
0
200
400
600
800
1000
1200
1400
1
10
100
1000
FREQUENCY (MHz)
Z
R
X
1000 Ω



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com