Electronic Components Datasheet Search
  English  ▼

X  

CAS-37 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CAS-37
Description  3-State Attenuated Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CAS-37 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CAS-37 Datasheet HTML 1Page - Teledyne Technologies Incorporated CAS-37 Datasheet HTML 2Page - Teledyne Technologies Incorporated CAS-37 Datasheet HTML 3Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CAS-37 Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2012 TELEDYNE COAX SWITCHES
CAS-37/062012/Q2
Series CAS-37
Miniature DC–25GHz
3-State Attenuated Switch
COAX SWITCHES
TYPICAL PERFORMANCE CURVES
Open State Isolation
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Frequency (GHz)
Open State Isolation
Spec Line
20dB Path Insertion Loss
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
-15
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Frequency (GHz)
20dB path Insertion Loss
Lower Spec Line
Upper Spec Line
Through Path Insertion Loss
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Frequency (GHz)
Through Path Insertion Loss
Spec Line
20dB Path VSWR
1
2
3
4
5
6
7
8
9
10
0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Frequency (GHz)
20dB path VSWR
Spec Line
Through Path VSWR
1
2
3
4
5
6
7
8
9
10
0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Frequency (GHz)
Through path VSWR
Spec Line



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com