Electronic Components Datasheet Search
  English  ▼

X  

CCP-47NX0-R Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # CCP-47NX0-R
Description  Latching TRANSFER Coaxial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CCP-47NX0-R Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

  CCP-47NX0-R Datasheet HTML 1Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 2Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 3Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 4Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 5Page - Teledyne Technologies Incorporated CCP-47NX0-R Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CCP-47N Page 6
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCP-47N\072013\Q3
Series CCP-47N
Low PIM DC–3 GHz
Latching TRANSFER Coaxial Switch
COAX SWITCHES
LATCHING CCP-47N PART NUMBER LIST
* X = 6 (28Vdc), 7 (15Vdc), 8 (12Vdc) and 9 (24Vdc)
PART NO.PART NO.
1
CCP-47NXC
43
CCP-47NX0
2
CCP-47NXC-D
44
CCP-47NX0-D
3
CCP-47NXC-DM
45
CCP-47NX0-DM
4
CCP-47NXC-DMS
46
CCP-47NX0-DMS
5
CCP-47NXC-DR
47
CCP-47NX0-DR
6
CCP-47NXC-DRM
48
CCP-47NX0-DRM
7
CCP-47NXC-DRMS
49
CCP-47NX0-DRMS
8
CCP-47NXC-DRS
50
CCP-47NX0-DRS
9
CCP-47NXC-DS
51
CCP-47NX0-DS
10
CCP-47NXC-M
52
CCP-47NX0-M
11
CCP-47NXC-MS
53
CCP-47NX0-MS
12
CCP-47NXC-R
54
CCP-47NX0-R
13
CCP-47NXC-RM
55
CCP-47NX0-RM
14
CCP-47NXC-RMS
56
CCP-47NX0-RMS
15
CCP-47NXC-RS
57
CCP-47NX0-RS
16
CCP-47NXC-S
58
CCP-47NX0-S
17
CCP-47NXC-T
59
CCP-47NX0-T
18
CCP-47NXC-TM
60
CCP-47NX0-TM
19
CCP-47NXC-TMS
61
CCP-47NX0-TMS
20
CCP-47NXC-TS
62
CCP-47NX0-TS
21
CCP-47NXD
22
CCP-47NXD-M
23
CCP-47NXD-MS
24
CCP-47NXD-R
25
CCP-47NXD-RM
26
CCP-47NXD-RMS
27
CCP-47NXD-RS
28
CCP-47NXD-S
29
CCP-47NXD-T
30
CCP-47NXD-TM
31
CCP-47NXD-TMS
32
CCP-47NXE
33
CCP-47NXE-M
34
CCP-47NXE-MS
35
CCP-47NXE-R
36
CCP-47NXE-RM
37
CCP-47NXE-RMS
38
CCP-47NXE-RS
39
CCP-47NXE-S
40
CCP-47NXE-T
41
CCP-47NXE-TM
42
CCP-47NXE-TMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com