Electronic Components Datasheet Search
  English  ▼

X  

CS-32 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CS-32
Description  Failsafe SPDT Coaxial Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CS-32 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CS-32 Datasheet HTML 1Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 2Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 3Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 4Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 5Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 6Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 7Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 8Page - Teledyne Technologies Incorporated CS-32 Datasheet HTML 9Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CCS-32/CS-32 Page 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2015 TELEDYNE COAX SWITCHES
CCS-32\CS-32\112015\Q4
Series CCS-32/CS-32
High Power DC–12 GHz
Failsafe SPDT Coaxial Switch
COAX SWITCHES
SCHEMATICS AND MECHANICAL OUTLINE
9 PIN D-SUB PINOUT FOR FAILSAFE SPDT
OPTIONS
Pin
No.
Basic
Indicators
TTL
Indicators &
TTL
1+
+
2-
-
3
Common
Common
41
1
5
6Vsw
Vsw
7A
A
8B
B
9C
C
1
6
“-S OPTION” 9-PIN D-SUB CONNECTOR (EXAMPLE: CCS-32N10-S)
TRUTH TABLE (with TTL option)
Logic
Input
RF Path
Indicator
(if applicable)
1IN
to 1
IN
to 2
AB
0
On
Off
C
0
1Off
On
0
C
Indicators
N Type Outline
Analog
TNC Outline
H = 1.70 MAX. STD MODEL
H = 2.30 MAX. TTL MODEL
H = 1.70 MAX. STD MODEL
H = 2.30 MAX. TTL MODEL
TTL
2X SOLDER TERMINALS
SOLDER WIRE MAXIMUM
TEMP 250ºC FOR NO
MORE THAN 5 SEC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com