Electronic Components Datasheet Search
  English  ▼

X  

MGSF2N02EL Datasheet(PDF) 4 Page - ON Semiconductor

Part # MGSF2N02EL
Description  2.8 Amps, 20 Volts, N-Channel SOT-23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF2N02EL Datasheet(HTML) 4 Page - ON Semiconductor

  MGSF2N02EL Datasheet HTML 1Page - ON Semiconductor MGSF2N02EL Datasheet HTML 2Page - ON Semiconductor MGSF2N02EL Datasheet HTML 3Page - ON Semiconductor MGSF2N02EL Datasheet HTML 4Page - ON Semiconductor MGSF2N02EL Datasheet HTML 5Page - ON Semiconductor MGSF2N02EL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MGSF2N02EL
http://onsemi.com
4
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
50
100
150
200
250
300
350
0
4
8
121620
TJ = 25°C
Ciss
Coss
Crss
Qg, TOTAL GATE CHARGE, (nC)
0
1
2
3
4
5
01
2
3
ID = 3.6 A
TJ = 25°C
QT
Q2
Q1
1
10
100
1000
1
10
100
VDD = 16 V
ID = 2.8 A
VGS = 4.5 V
td(on)
td(off)
tr
tf
0
0.3
0.6
0.9
1.2
1.5
1.8
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total Charge
Figure 9. Resistive Switching Time Variation vs.
Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
VGS = 4.5 V
TJ = 25°C
RG, GATE RESISTANCE (W)VSD, SOURCE−TO−DRAIN VOLTAGE (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com