Electronic Components Datasheet Search
  English  ▼

X  

CWVHLPD2.EN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # CWVHLPD2.EN
Description  Camera Flash and Video Light
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CWVHLPD2.EN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button CWVHLPD2.EN Datasheet HTML 5Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 6Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 7Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 8Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 9Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 10Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 11Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 12Page - OSRAM GmbH CWVHLPD2.EN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.1
CW VHLPD2.EN
2017-07-12
9
Forward Current 8) page 21 , 9) page 21
Durchlassstrom 8) Seite 21 , 9) Seite 21
IF = f (VF); TJ = 25 °C
Relative Luminous Flux 8) page 21 , 9) page 21
Relativer Lichtstrom 8) Seite 21 , 9) Seite 21
ΦV/ΦV(1000 mA) = f(IF); TJ = 25 °C
Chromaticity Coordinate Shift 8) page 21
Farbortverschiebung 8) Seite 21
Cx, Cy = f(IF); TJ = 25 °C
CW VHLPD2.EN
2,5
3,5
2,6
2,8
3,0
3,2
3,4
VF [V]
30
200
400
600
800
1000
IF [mA]
CW VHLPD2.EN
30
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
Φ
V
Φ
V(1000mA)
CW VHLPD2.EN
30
20
0
40
0
60
0
80
0
10
00
IF [mA]
0,34
0,35
0,36
0,37
0,38
0,39
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com