Electronic Components Datasheet Search
  English  ▼

X  

MIC2194 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2194
Description  400kHz SO-8 Buck Control IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2194 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2194 Datasheet HTML 1Page - Micrel Semiconductor MIC2194 Datasheet HTML 2Page - Micrel Semiconductor MIC2194 Datasheet HTML 3Page - Micrel Semiconductor MIC2194 Datasheet HTML 4Page - Micrel Semiconductor MIC2194 Datasheet HTML 5Page - Micrel Semiconductor MIC2194 Datasheet HTML 6Page - Micrel Semiconductor MIC2194 Datasheet HTML 7Page - Micrel Semiconductor MIC2194 Datasheet HTML 8Page - Micrel Semiconductor MIC2194 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2194
Micrel
MIC2194
2
October 2002
Pin Configuration
1
COMP
FB
EN/UVLO
CS
8
VIN
OUTP
GND
VDD
7
6
5
2
3
4
8 Lead SOIC (M)
Ordering Information
Part Number
Output Voltage
Frequency
Junction Temp. Range
Package
MIC2194BM
Adjustable
400KHz
–40
°C to +125°C
8-lead SOP
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
Compensation (Output): Internal error amplifier output. Connect to a
capacitor or series RC network to compensate the regulator’s control loop.
2
FB
Feedback (Input): The circuit regulates this pin to 1.245V.
3
EN/UVLO
Enable/Undervoltage Lockout (Input): A low level on this pin will power down
the device, reducing the quiescent current to under 0.5
µA. This pin has two
separate thresholds, below 1.5V the output switching is disabled, and below
0.9V the device is forced into a complete micropower shutdown. The 1.5V
threshold functions as an accurate undervoltage lockout (UVLO) with
hysteresis.
4
CS
The (–) input to the current limit comparator. A built-in offset of 110mV
between VIN and CSL in conjunction with the current sense resistor sets the
current limit threshold level. This is also the (–) input to the current amplifier.
5
VDD
3V internal linear-regulator output. VDD is also the supply voltage bus for the
chip. Bypass to GND with 1
µF.
6
GND
Ground.
7
OUTP
High current drive for the synchronous N-channel MOSFET. Voltage swing
is from ground to VIN. On-resistance is typically 3
Ω @ 5V
IN.
8
VIN
Input voltage to the circuit. Also the high side input to the current sense
amplifier supplies power to the gate drive circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com