Electronic Components Datasheet Search
  English  ▼

X  

MIC2205 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2205
Description  2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2205 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2205 Datasheet HTML 1Page - Micrel Semiconductor MIC2205 Datasheet HTML 2Page - Micrel Semiconductor MIC2205 Datasheet HTML 3Page - Micrel Semiconductor MIC2205 Datasheet HTML 4Page - Micrel Semiconductor MIC2205 Datasheet HTML 5Page - Micrel Semiconductor MIC2205 Datasheet HTML 6Page - Micrel Semiconductor MIC2205 Datasheet HTML 7Page - Micrel Semiconductor MIC2205 Datasheet HTML 8Page - Micrel Semiconductor MIC2205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Micrel, Inc.
MIC2205
April 2005
2
M9999-041105
www.micrel.com
Ordering Information
Part Number
Output Voltage
(1)
Junction Temp. Range
Package
Lead Finish
MIC2205-1.3YML
1.3V
–40° to +125°C
3x3 MLF-10L
Pb-free
MIC2205-1.38YML
1.38V
–40° to +125°C
3x3 MLF-10L
Pb-free
MIC2205-1.5YML
1.5V
–40° to +125°C
3x3 MLF-10L
Pb-free
MIC2205-1.58YML
1.58V
–40° to +125°C
3x3 MLF-10L
Pb-free
MIC2205-1.8YML
1.8V
–40° to +125°C
3x3 MLF-10L
Pb-free
MIC2205-1.85YML
1.85V
–40° to +125°C
3x3 MLF-10L
Pb-free
MIC2205YML
Adj.
–40° to +125°C
3x3 MLF-10L
Pb-free
Note:
1. Other Voltage options available. Contact Micrel for details.
Pin Configuration
FB
EN
AGND
LDO
BIAS
AVIN
PGND
SW
VIN
LOWQ
5
1
2
3
4
6
10
9
8
7
EP
3mm x 3mm MLF-10L (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1
AGND
Analog (signal) Ground.
2
LDO
LDO Output (Output): Connect to VOUT for LDO mode operation.
3
BIAS
Internal circuit bias supply. Must be de-coupled to signal ground with a 0.1
µF
capacitor and should not be loaded.
4
AVIN
Analog Supply Voltage (Input): Supply voltage for the analog control circuitry and
LDO input power. Requires bypass capacitor to GND.
5
FB
Feedback. Input to the error amplifier. For the Adjustable option, connect to the
external resistor divider network to set the output voltage. For fixed output
voltage options, connect to VOUT and an internal resistor network sets the output
voltage.
6
EN
Enable (Input). Logic low will shut down the device, reducing the quiescent
current to less than 5
µA.
7
_____
LOWQ
Enable LDO Mode (Input): Logic low enables the internal LDO and disables the
PWM operation. Logic high enables the PWM mode and disables the LDO
mode.
8
VIN
Supply Voltage (Input): Supply voltage for the internal switches and drivers.
9
SW
Switch (Output): Internal power MOSFET output switches.
10
PGND
Power Ground.
EP
GND
Ground, backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com