Electronic Components Datasheet Search
  English  ▼

X  

BPX83 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # BPX83
Description  Miniature photointerrupters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX83 Datasheet(HTML) 5 Page - OSRAM GmbH

  BPX83 Datasheet HTML 1Page - OSRAM GmbH BPX83 Datasheet HTML 2Page - OSRAM GmbH BPX83 Datasheet HTML 3Page - OSRAM GmbH BPX83 Datasheet HTML 4Page - OSRAM GmbH BPX83 Datasheet HTML 5Page - OSRAM GmbH BPX83 Datasheet HTML 6Page - OSRAM GmbH BPX83 Datasheet HTML 7Page - OSRAM GmbH BPX83 Datasheet HTML 8Page - OSRAM GmbH BPX83 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Version 1.3
BPX 80, BPX 82 ... BPX 89
2016-01-04
5
Photocurrent 1) page 10
IPCE / IPCE(25°C) = f(TA), VCE = 5 V
Dark Current 1) page 10
ICEO = f(VCE), E = 0
Dark Current 1) page 10
ICEO = f(TA), E = 0
Collector-Emitter Capacitance 1) page 10
CCE = f(VCE), f = 1 MHz, E = 0
OHF04049
VCE
0
10
10
1
10
-1
10
-2
CEO
I
nA
0
V
5
10
15
20
25
30
35
nA
OHF04050
CEO
I
A
T
-2
10
-1
10
100
1
10
102
3
10
104
-25
0
25
50
75
100
˚C
0
pF
OHF04051
CE
C
CE
V
10
-3
10
-2
10
-1
10
0
10
1
10
2
V
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com