| Electronic Components Datasheet Search |
|
BPX89 Datasheet(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
BPX89 Datasheet(HTML) 8 Page - OSRAM GmbH |
|
8 / 11 page ![]() 2016-01-04 8 Version 1.3 BPX 80, BPX 82 ... BPX 89 Transistors Number of Transistors per Array Dimensions "B" 2 4.5 ... 4.9 3 7.0 ... 7.4 4 9.6 ... 10.0 5 12.1 ... 12.5 6 14.6 ... 16.0 7 17.2 ... 17.6 8 19.7 ... 20.1 9 22.3 ... 22.7 10 24.8 ... 25.2 Package Miniature Array, Epoxy Approximate Weight: 0.2 g TTW Soldering IEC-61760-1 TTW 0 0 s OHA04645 50 100 150 200 250 300 t T ˚C 235 ˚C - 260 ˚C First wave 20 40 60 80 100 120 140 160 180 200 220 240 Second wave 10 s max., max. contact time 5 s per wave Preheating T ∆ 100 ˚C 120 ˚C 130 ˚C Typical Cooling ca. 3.5 K/s typical ca. 2 K/s ca. 5 K/s Continuous line: typical process Dotted line: process limits < 150 K |