Electronic Components Datasheet Search
  English  ▼

X  

MM58241V Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58241V
Description  MM58241 High Voltage Display Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58241V Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM58241V Datasheet HTML 1Page - National Semiconductor (TI) MM58241V Datasheet HTML 2Page - National Semiconductor (TI) MM58241V Datasheet HTML 3Page - National Semiconductor (TI) MM58241V Datasheet HTML 4Page - National Semiconductor (TI) MM58241V Datasheet HTML 5Page - National Semiconductor (TI) MM58241V Datasheet HTML 6Page - National Semiconductor (TI) MM58241V Datasheet HTML 7Page - National Semiconductor (TI) MM58241V Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC Electrical Characteristics TA eb40 Cto a85 C VDD e 5V g05V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Input
(Notes 3 and 4)
fC
Frequency
800
kHz
tH
High Time
300
ns
tL
Low Time
300
ns
Data Input
tDS
Set-Up Time
100
ns
tDH
Hold Time
100
ns
Enable Input
tES
Set-Up Time
100
ns
tEH
Hold Time
100
ns
Data Output
CL e 50 pF
CLOCK Low to Data Out
500
ns
tCDO
Time
Note 2
For timing purposes the signals ENABLE and BLANK can be considered to be totally independent of each other
Note 3
AC input waveform specification for test purposes tr tf s 20 ns f e 800 kHz 50% g10% duty cycle
Note 4
Clock input rise and fall times must not exceed 5 ms
Connection Diagrams
Dual-In-Line Package
TLF5600 – 2
Top View
FIGURE 2
Order Number MM58241N or MM58241V
See NS Package Number N40A or V44A
Plastic Chip Carrier
TLF5600 – 8
Top View
Functional Description
This product is specifically designed to drive multiplexed or
non-multiplexed high voltage alphanumeric or dot matrix
vacuum fluorescent (VF) displays Character generation is
done externally in the microprocessor with a serial data
path to the display driver The MM58421 uses three signals
DATA IN CLOCK and ENABLE where ENABLE acts as an
external load signal Display blanking can be achieved by
means of the BLANKING CONTROL input and a logic ‘1’
will turn off all sections of the display A block diagram of
the MM58241 is shown in
Figure 1
Figure 2 shows the pinout of the MM58241 device where
output 1 (pin 18) is equivalent to bit 1 ie the first bit of data
to be loaded into the shift register following ENABLE high A
logic ‘1’ at the input will turn on the corresponding display
digitsegmentdot output
A significant reduction in discrete board components can be
achieved by use of the MM58241 because external pull-
down resistors are not required Due to the nature of the
output stage both its on and off impedance values vary as a
function of the display voltage applied However
Figures 3a
and
3b show that this output impedance will remain con-
stant for a fixed value of display voltage
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com