Electronic Components Datasheet Search
  English  ▼

X  

D1FJ4 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FJ4
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FJ4 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D1FJ4 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FJ4 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FJ4 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1FJ4 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
順方向特性
Forward Voltage
0.1
10
1
0
0.4
0.2
1.2
1.4
1
0.8
0.6
Tl=150℃(MAX)
Tl=150℃(TYP)
Tl=25℃(MAX)
Tl=25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
80
50
40
30
60
70
20
10
01
100
10
2
1
1.5
0.5
00
0.5
1
1.5
2
2.5
3
3.5
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
DC
SIN
DC
D=0.8
D=0.8
D=0.8
0.5
0.5
0.5
0.3
0.3
0.3
0.3
0.2
0.2
0.2
0.1
0.1
0.1
0.05
0.05
0.05
SIN
接合容量
Junction Capacitance
逆電力損失曲線
Reverse Power Dissipation
逆方向特性
Reverse Current
1000
10
100
0.
1
40
10
1
0
0.
2
0.
1
0.
3
0.
4
0.
5
0
10
20
50
40
30
0
10
20
30
40
5
15
25
35
f=1MHz
Tl=25℃
TYP
Tj=150℃
D=tp/T
T
tp
0
IO
DC
SIN
DC
D=0.05
D=0.05
D=0.05
0.1
0.1
0.1
0.2
0.2
0.2
0.3
0.3
0.3
0.5
0.5
0.5
SIN
0.8
0.8
0.8
Tl=100℃(TYP)
Tl=125℃(TYP)
Tl=150℃(TYP)
Tl=75℃(TYP)
Tl=50℃(TYP)
Tl=25℃(TYP)
ディレーティングカーブ Ta-Io
Derating Curve Ta-Io
D1FJ4
0
0.5
1
1.5
2
0
20 40 60 80 100
140 160
120
0
20 40 60 80 100
140 160
120
DC
DC
D=0.8
D=0.8
0.5
0.5
SIN
SIN
0.3
0.3
0.2
0.2
0.1
0.1
0.05
0.05
DC
D=0.8
0.5
SIN
0.3
0.2
0.1
0.05
Pulse measurement
Tj=150℃
D=tp/T
T
tp
0
VR
D=tp/T
VR=20V
T
tp
0
0
IO
VR
ディレーティングカーブ Tl-Io
Derating Curve Tl-Io
0
1
0.5
2
1.5
3
2.5
4
3.5
DC
DC
D=0.8
D=0.8
0.5
0.5
SIN
SIN
0.3
0.3
0.2
0.2
0.1
0.1
0.05
0.05
DC
D=0.8
0.5
SIN
0.3
0.2
0.1
0.05
ディレーティングカーブ Ta-Io
Derating Curve Ta-Io
0
0.8
0.4
1.2
1.6
2
2.4
2.8
0
20 40 60 80 100
140 160
120
DC
DC
SIN
SIN
D=0.8
D=0.8
0.5
0.5
0.2
0.2
0.1
0.1
0.05
0.05
0.3
0.3
DC
D=0.8
0.5
SIN
0.3
0.2
0.1
0.05
Pulse measurement
D=tp/T
VR=20V
T
tp
0
0
IO
VR
D=tp/T
VR=20V
T
tp
0
0
IO
VR
100
0.00001
0.0001
0.001
0.01
1
10
0.1
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Reverse Voltage VR〔V〕
Ambient Temperature Ta〔℃〕
Ambient Temperature Ta〔℃〕
Lead Temperature Tl〔℃〕
On glass-epoxy substrate
Soldering land2mm
Conductor layer 35μ
On alumina substrate
Soldering land2mm
Conductor layer 20μ
Substrate thickness 0.64t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com